Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2453A Datasheet(PDF) 6 Page - Sharp Corporation

Part # LZ2453A
Description  1/4-type Color CCD Area Sensor with 410 k Pixels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2453A Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LZ2453A Datasheet HTML 2Page - Sharp Corporation LZ2453A Datasheet HTML 3Page - Sharp Corporation LZ2453A Datasheet HTML 4Page - Sharp Corporation LZ2453A Datasheet HTML 5Page - Sharp Corporation LZ2453A Datasheet HTML 6Page - Sharp Corporation LZ2453A Datasheet HTML 7Page - Sharp Corporation LZ2453A Datasheet HTML 8Page - Sharp Corporation LZ2453A Datasheet HTML 9Page - Sharp Corporation LZ2453A Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LZ2453A
6
TIMING CHART
489
+
490
491
+
492
493
+
494
OB1
+
OB2
8
+
9
6
+
7
4
+
5
2
+
3
OB11
+
1
OB9
+
OB10
OB7
+
OB8
OB5
+
OB6
OB3
+
OB4
OB1
+
OB2
10
+
11
12
+
13
14
+
15
16
+
17
OS
ØOFD
ØV4
ØV3
ØV2
ØV1
VD
HD
(ODD FIELD)
Shutter speed
1/2 000 s
VERTICAL TRANSFER TIMING
488
+
489
490
+
491
492
+
492
494
+
OB1
OB2
9
+
10
7
+
8
5
+
6
3
+
4
1
+
2
OB10
+
OB11
OB8
+
OB9
OB6
+
OB7
OB4
+
OB5
OB2
+
OB3
OB1
11
+
12
13
+
14
15
+
16
OS
ØOFD
ØV4
ØV3
ØV2
ØV1
VD
HD
(EVEN FIELD)
525 1
10
263
272
OS
ØRS
ØH2
ØH1
HD
..768
OB (40)
PRE SCAN (22)
ØOFD
ØV4
ØV3
ØV2
ØV1
HORIZONTAL TRANSFER TIMING
910, 1
91
42
74
58
90
82
34
50
98
86
66
OB (3)
OUTPUT (768) 1πππ


Similar Part No. - LZ2453A

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ24 EBMPAPST-LZ24 Datasheet
436Kb / 2P
   METAL FINGER GUARDS
logo
Sharp Corporation
LZ2413 SHARP-LZ2413 Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
More results

Similar Description - LZ2453A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
   1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
   1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com