Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN7R0-30YLC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN7R0-30YLC
Description  N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN7R0-30YLC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN7R0-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 9Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 10Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 11Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 12Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 13Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 14Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PSMN7R0-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2011
11 of 15
NXP Semiconductors
PSMN7R0-30YLC
N-channel 30 V 7.1 m
Ω logic level MOSFET in LFPAK using NextPower technology
7.
Package outline
Fig 19. Package outline SOT669 (LFPAK; Power-SO8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
06-03-16
11-03-25
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK; Power-SO8); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - PSMN7R0-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-30YLC PHILIPS-PSMN7R0-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN7R0-30YLC NEXPERIA-PSMN7R0-30YLC Datasheet
776Kb / 14P
   N-channel 30 V 7.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
More results

Similar Description - PSMN7R0-30YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-30YLC NEXPERIA-PSMN7R0-30YLC Datasheet
776Kb / 14P
   N-channel 30 V 7.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN013-30YLC PHILIPS-PSMN013-30YLC_15 Datasheet
300Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN8R0-30YLC NXP-PSMN8R0-30YLC Datasheet
254Kb / 15P
   N-channel 30 V 7.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC NXP-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_15 Datasheet
275Kb / 14P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
15 January 2015
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com