Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXDBB018LNHTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBXDBB018LNHTAG
Description  3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBB018LNHTAG Datasheet(HTML) 6 Page - ON Semiconductor

  NBXDBB018LNHTAG Datasheet HTML 1Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 2Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 3Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 4Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 5Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 6Page - ON Semiconductor NBXDBB018LNHTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NBXDBB018, NBXDBA018
http://onsemi.com
6
Table 8. RELIABILITY COMPLIANCE
Parameter
Standard
Method
Shock
Mechanical
MIL−STD−833, Method 2002, Condition B
Solderability
Mechanical
MIL−STD−833, Method 2003
Vibration
Mechanical
MIL−STD−833, Method 2007, Condition A
Solvent Resistance
Mechanical
MIL−STD−202, Method 215
Thermal Shock
Environment
MIL−STD−833, Method 1011, Condition A
Moisture Level Sensitivity
Environment
MSL1 260°C per IPC/JEDEC J−STD−020D
Figure 5. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
CLK
D
CLK
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VDD − 2.0 V
NBXDBB018/NBXDBA018
260
217
175
150
Temperature (°C)
temp. 260°C
20 − 40 sec. max.
Time
60180 sec.
3°C/sec. max.
cooling
6°C/sec. max.
60150 sec.
reflow
peak
pre−heat
ramp−up
Figure 6. Recommended Reflow Soldering Profile


Similar Part No. - NBXDBB018LNHTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXDBB018LNHTAG ONSEMI-NBXDBB018LNHTAG Datasheet
128Kb / 7P
   Clock Oscillator
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com