Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXSBA021 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBXSBA021
Description  3.3 V, 266.667 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA021 Datasheet(HTML) 6 Page - ON Semiconductor

  NBXSBA021_09 Datasheet HTML 1Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 2Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 3Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 4Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 5Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NBXSBA021, NBXSBB021
http://onsemi.com
6
PACKAGE DIMENSIONS
6 PIN CLCC, 7x5, 2.54P
CASE 848AB−01
ISSUE C
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
2.54
1.50
6X
5.06
1.50
6X
DIMENSION: MILLIMETERS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
0.15 C
TERMINAL 1
INDICATOR
TOP VIEW
A
A1
A3
0.10 C
C SEATING
PLANE
SIDE VIEW
L
6X
1
2
5
6
D3
DIM
A
MIN
NOM
MAX
MILLIMETERS
1.70
1.80
1.90
A1
0.70 REF
b
1.30
1.40
1.50
D1
6.17
6.20
6.23
D2
6.66
6.81
6.96
E1
4.37
4.40
4.43
R
0.70 REF
L
1.17
1.27
1.37
A2
0.36 REF
A3
0.08
0.10
0.12
D
7.00 BSC
D3
5.08 BSC
E
5.00 BSC
E2
4.65
4.80
4.95
E3
3.49 BSC
e
2.54 BSC
D1
E1
D2
E2
A2
3
4
E3
R
4X
H
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NBXSBB021/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NBXSBA021_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA021LN1TAG ONSEMI-NBXSBA021LN1TAG Datasheet
100Kb / 6P
   Clock Oscillator
May, 2008 - Rev. 1
More results

Similar Description - NBXSBA021_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com