Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51013 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51013
Description  INTEGRATED WIRELESS POWER SUPPLY RECEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ51013 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ51013 Datasheet HTML 4Page - Texas Instruments BQ51013 Datasheet HTML 5Page - Texas Instruments BQ51013 Datasheet HTML 6Page - Texas Instruments BQ51013 Datasheet HTML 7Page - Texas Instruments BQ51013 Datasheet HTML 8Page - Texas Instruments BQ51013 Datasheet HTML 9Page - Texas Instruments BQ51013 Datasheet HTML 10Page - Texas Instruments BQ51013 Datasheet HTML 11Page - Texas Instruments BQ51013 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
AC1
2
BOOT1
3
OUT
4
CLMP1
5
COM1
6
/CHG
7
/AD-EN
8
AD
9
AC2
19
RECT
18
BOOT2
17
CLMP2
16
COM2
15
VTSB
14
TS/
CTRL
13
ILIM
12
EN1
10
EN2
11
PGND
1
PGND
20
B2
AC2
B3
AC1
B4
AC1
B1
AC2
C2
RECT
C3
RECT
C4
BOOT1
C1
BOOT2
E2
CLMP2
E3
CLMP1
E4
COM1
E1
COM2
A2
PGND
A3
PGND
A4
PGND
A1
PGND
F2
VTSB
F3
AD-EN
F4
CHG
F1
TS/CTRL
G2
EN2
G3
EN1
G4
AD
G1
ILIM
D2
OUT
D3
OUT
D4
OUT
D1
OUT
bq51010
bq51011
bq51013
SLVSAT9B
– APRIL 2011 – REVISED AUGUST 2011
www.ti.com
YFF Package
RHL Package
(TOP VIEW)
(TOP VIEW)
PIN FUNCTIONS
NAME
YFF
RHL
I/O
DESCRIPTION
AC1
B3, B4
2
I
AC input power from receiver coil antenna.
AC2
B1, B2
19
I
BOOT1
C4
3
O
Bootstrap capacitors for driving the high-side FETs of the synchronous
rectifier. Connect a 10nF ceramic capacitor from BOOT1 to AC1 and from
BOOT2
C1
17
O
BOOT2 to AC2.
Filter capacitor for the internal synchronous rectifier. Connect a ceramic
RECT
C2, C3
18
O
capacitor to PGND. Depending on the power levels, the value may be
4.7
μF to 22μF.
OUT
D1, D2, D3, D4
4
O
Output pin, delivers power to the load.
Open-drain output used to communicate with primary by varying reflected
impedance. Connect through a capacitor to either AC1 or AC2 for
capacitive load modulation (COM2 must be connected to the alternate
COM1
E4
6
O
AC1 or AC2 pin). For resistive modulation connect COM1 and COM2 to
RECT via a single resistor; connect through separate capacitors for
capacitive load modulation.
Open-drain output used to communicate with primary by varying reflected
impedance. Connect through a capacitor to either AC1 or AC2 for
capacitive load modulation (COM1 must be connected to the alternate
COM2
E1
15
O
AC1 or AC2 pin). For resistive modulation connect COM1 and COM2 to
RECT via a single resistor; connect through separate capacitors for
capacitive load modulation.
O
Open drain FETs which are utilized for a non-power dissipative
over-voltage AC clamp protection. When the RECT voltage goes above
CLMP1,
E2,
5
15 V, both switches will be turned on and the capacitors will act as a low
CLMP2
E3
16
impedance to protect the IC from damage. If used, CLMP1 is required to
be connected to AC1, and CLMP2 is required to be connected to AC2 via
0.47
µF capacitors.
PGND
A1, A2, A3, A4
1, 20
Power ground
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq51010 bq51011 bq51013


Similar Part No. - BQ51013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013A TI-BQ51013A Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
BQ51013A TI1-BQ51013A Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
BQ51013ARHLR TI-BQ51013ARHLR Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
bq51013ARHLR TI1-bq51013ARHLR Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
BQ51013ARHLT TI-BQ51013ARHLT Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
More results

Similar Description - BQ51013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013A TI-BQ51013A Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
   Wireless Power Receiver
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
[Old version datasheet]   BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
   Wireless Power Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com