Electronic Components Datasheet Search |
|
5962-0724701VXA Datasheet(PDF) 4 Page - Texas Instruments |
|
|
5962-0724701VXA Datasheet(HTML) 4 Page - Texas Instruments |
4 / 30 page DAC5670-SP SGLS386A – JANUARY 2009 – REVISED DECEMBER 2009 www.ti.com TERMINAL FUNCTIONS TERMINAL Type DESCRIPTION NAME BALL NO. DACCLK_P K14 I External clock, sample clock for the DAC DACCLK_N L14 I Complementary external clock, sample clock for the DAC DLYCLK_P A7 O DDR type data clock to data source DLYCLK_N A6 O DDR type data clock to data source complementary signal DTCLK_P A9 I Input data toggling reference bit DTCLK_N A8 I Input data toggling reference bit, complementary signal xxx DA_P[13] J13 I Port A data bit 13 (MSB) DA_N[13] K13 I Port A data bit 13 complement (MSB) DA_P[12] J14 I Port A data bit 12 DA_N[12] H14 I Port A data bit 12 complement DA_P[11] H13 I Port A data bit 11 DA_N[11] G13 I Port A data bit 11 complement DA_P[10] G14 I Port A data bit 10 DA_N[10] F14 I Port A data bit 10 complement DA_P[9] F13 I Port A data bit 9 DA_N[9] E13 I Port A data bit 9 complement DA_P[8] E14 I Port A data bit 8 DA_N[8] D14 I Port A data bit 8 complement DA_P[7] C12 I Port A data bit 7 DA_N[7] C11 I Port A data bit 7 complement DA_P[6] D12 I Port A data bit 6 DA_N[6] D11 I Port A data bit 6 complement DA_P[5] C13 I Port A data bit 5 DA_N[5] D13 I Port A data bit 5 complement DA_P[4] B14 I Port A data bit 4 DA_N[4] C14 I Port A data bit 4 complement DA_P[3] A13 I Port A data bit 3 DA_N[3] A12 I Port A data bit 3 complement DA_P[2] A11 I Port A data bit 2 DA_N[2] A10 I Port A data bit 2 complement DA_P[1] B10 I Port A data bit 1 DA_N[1] B11 I Port A data bit 1 complement DA_P[0] B8 I Port A data bit 0 (LSB) DA_N[0] B9 I Port A data bit 0 complement (LSB) xxx DB_P[13] B7 Port B data bit 13 (MSB) DB_N[13] B6 I Port B data bit 13 complement (MSB) DB_P[12] A4 I Port B data bit 12 DB_N[12] A5 I Port B data bit 12 complement DB_P[11] B4 I Port B data bit 11 DB_N[11] B5 I Port B data bit 11 complement DB_P[10] A3 I Port B data bit 10 DB_N[10] A2 I Port B data bit 10 complement DB_P[9] B1 I Port B data bit 9 DB_N[9] C1 I Port B data bit 9 complement 4 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): DAC5670-SP |
Similar Part No. - 5962-0724701VXA |
|
Similar Description - 5962-0724701VXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |