Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2711-SP
Description  1.6-Gbps to 2.5-Gbps Class V Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2711-SP Datasheet(HTML) 4 Page - Texas Instruments

  TLK2711-SP Datasheet HTML 1Page - Texas Instruments TLK2711-SP Datasheet HTML 2Page - Texas Instruments TLK2711-SP Datasheet HTML 3Page - Texas Instruments TLK2711-SP Datasheet HTML 4Page - Texas Instruments TLK2711-SP Datasheet HTML 5Page - Texas Instruments TLK2711-SP Datasheet HTML 6Page - Texas Instruments TLK2711-SP Datasheet HTML 7Page - Texas Instruments TLK2711-SP Datasheet HTML 8Page - Texas Instruments TLK2711-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLK2711-SP
SGLS307D – JULY 2006 – REVISED JULY 2009 .............................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PIN NO.
Serial transmit outputs. TXP and TXN are differential serial outputs that interface to copper or an
DOUTTXN
63
optical I/F module. These terminals transmit NRZ data at a rate of 20 times the TXCLK value. TXP
O
DOUTTXP
64
and TXN are put in a high-impedance state when LOOPEN is high and are active when LOOPEN
is low. During power-on reset, these terminals are high impedance.
Device enable. When this terminal is held low, the device is placed in power-down mode. Only the
ENABLE
25
I(1)
signal detect circuit on the serial receive pair is active. When asserted high while the device is in
power-down mode, the transceiver goes into power-on reset before beginning normal operation.
5, 13, 17,
19, 29, 34,
Analog and digital logic ground. Provides a ground for the logic circuits, digital I/O buffers, and the
GND
35, 45, 51,
high-speed analog circuits.
55, 58, 62,
65
Lock to reference. When LCKREFN is low, the receiver clock is frequency locked to TXCLK. This
places the device in a transmit-only mode since the receiver is not tracking the data. When
LCKREFN
26
I(1)
LCKREFN is asserted low, the receive data bus terminals (RXD0–RXD15, RXCLK, RKLSB, and
RKMSB) are in a high-impedance state.
When LCKREFN is deasserted high, the receiver is locked to the received data stream.
Loop enable. When LOOPEN is active high, the internal loopback path is activated. The
transmitted serial data is directly routed internally to the inputs of the receiver. This provides a
LOOPEN
22
I(2)
self-test capability in conjunction with the protocol device. The TXP and TXN outputs are held in a
high-impedance state during the loopback test. LOOPEN is held low during standard operational
state, with external serial outputs and inputs active.
Preemphasis control. Selects the amount of preemphasis to be added to the high-speed serial
PRE
60
I(2)
output drivers. Left low or unconnected, 5% preemphasis is added. Pulled high, 20% preemphasis
is added.
PRBS test enable. When asserted high, results of pseudo-random bit stream (PRBS) tests can be
PRBSEN
27
I(2)
monitored on the RKLSB terminal. A high on RKLSB indicates that valid PRBS is being received.
K-code indicator/PRBS test results. When RKLSB is asserted high, an 8-bit/10-bit K code was
received and is indicated by data bits RXD0–RXD7. When RKLSB is asserted low, an 8-bit/10-bit
RKLSB
30
O
D code is received and is presented on data bits RXD0–RXD7. When PRBSEN is asserted high,
this pin is used to indicate status of the PRBS test results (high = pass).
K-code indicator. When RKMSB is asserted high an 8-bit/10-bit K code was received and is
indicated by data bits RXD8–RXD15. When RKMSB is asserted low an 8-bit/10-bit D code was
RKMSB
31
O
received and is presented on data bits RXD8–RXD15. If the differential signal on RXN and RXP
drops below 200 mV, RXD0–RXD15, RKLSB, and RKMSB are all asserted high.
RXCLK
Recovered clock. Output clock that is synchronized to RXD0–RXD9, RKLSB, and RKMSB. RXCLK
43
O
RX_CLK
is the recovered serial data rate clock divided by 20. RXCLK is held low during power-on reset.
RXD0
54
RXD1
53
RXD2
52
RXD3
49
RXD4
48
RXD5
47
RXD6
46
Receive data bus. These outputs carry 16-bit parallel data output from the transceiver to the
RXD7
44
O
protocol device, synchronized to RXCLK. The data is valid on the rising edge of RXCLK as shown
RXD8
42
in Figure 5. These terminals are in high-impedance state during power-on reset.
RXD9
41
RXD10
39
RXD11
38
RXD12
37
RXD13
36
RXD14
33
RXD15
32
DINRXN
56
Serial receive inputs. RXP and RXN together are the differential serial input interface from a
I
DINRXP
57
copper or an optical I/F module.
TESTEN
28
I(2)
Test mode enable. This terminal should be left unconnected or tied low.
(1)
Internal 10-k
Ω pullup
(2)
Internal 10-k
Ω pulldown
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TLK2711-SP


Similar Part No. - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results

Similar Description - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com