Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62361B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361B
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361B Datasheet(HTML) 4 Page - Texas Instruments

  TPS62361B Datasheet HTML 1Page - Texas Instruments TPS62361B Datasheet HTML 2Page - Texas Instruments TPS62361B Datasheet HTML 3Page - Texas Instruments TPS62361B Datasheet HTML 4Page - Texas Instruments TPS62361B Datasheet HTML 5Page - Texas Instruments TPS62361B Datasheet HTML 6Page - Texas Instruments TPS62361B Datasheet HTML 7Page - Texas Instruments TPS62361B Datasheet HTML 8Page - Texas Instruments TPS62361B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating ambient temp.
–40°C ≤ TA ≤ 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO,HYST(VD
Under voltage lock out hysteresis at VDD
Input voltage rising
50
mV
D)
LOGIC INTERFACE
High-level input voltage at EN, VSEL0,
VIH
1.2
V
VSEL1
Low-level input voltage at EN, VSEL0,
VIL
0.4
V
VSEL1
Signal transition time at EN, VSEL0,
trf
rising and falling edge
30
mV/
µs
VSEL1
VIH,I2C
High-level input voltage at SCL, SDA
0.7x VDD
V
VIL,I2C
Low-level input voltage at SCL, SDA
0.3x VDD
V
Logic input leakage current at EN, VSEL0,
Internal pulldown resistors
ILKG
0.05
µA
VSEL1, SDA, SCL
disabled
Pull down resistance at EN, VSEL0,
Internal pulldown resistors
RPD
300
k
Ω
VSEL1
enabled
Fast mode
400
kHz
I2C clock frequency
High speed mode
3.4
MHz
POWER SWITCH
High side MOSFET switch
VIN = 3.6V
25
44
75
m
Ω
RDS(on)
Low side MOSFET switch
VIN = 3.6V
25
32
50
m
Ω
High side MOSFET forward current limit
VIN = 3.6V
3.0
3.6
4.3
A
ILIMF
Low side MOSFET forward current limit
VIN = 3.6V
2.6
3
3.8
A
Low side MOSFET negative current limit
VIN = 3.6V, PWM mode
2.2
2.5
2.9
A
fSW
Nominal switching frequency
PWM mode
2.5
MHz
TJEW
Die temperature early warning
120
°C
TJSD
Thermal shutdown
150
°C
TJSD,HYST
Thermal shutdown hysteresis
20
°C
tON,min
Minimum on time
120
ns
OUTPUT
TPS62360/6
0.77
1.4
10mV
2
VOUT
Output voltage range
V
increments
TPS62361B
0.5
1.77
No load,
TPS62360/62:
Forced
VIN = 2.5V ..
PWM,
-0.5%
+0.5%
5.5V
VOUT =
VOUT = 0.77V ..
[0.77V, 1.3V]
1.4V
TJ = 85°C
Output voltage accuracy
TPS62361B:
No load,
VIN = 2.7V ..
Forced
5.5V
PWM,
-1%
±0.5%
+1%
VOUT = 0.5V ..
TJ = -40 ..
1.77V
150
°C
Line regulation
IOUT = 1A, forced PWM
< 0.1
%/V
Load regulation
VOUT = 1.2V, forced PWM
< 0.05
%/A
Time from active EN to
VOUT = 1.4V,
tStart
Start-up time
1
ms
COUT < 100µF, RMP[2:0] = 000,
IOUT = 0mA
RSense
Input resistance between Sense+, Sense
2.2
M
Ω
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362


Similar Part No. - TPS62361B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62361B TI1-TPS62361B Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62361B TI1-TPS62361B Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361B TI1-TPS62361B Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361BYZHR TI1-TPS62361BYZHR Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62361BYZHR TI1-TPS62361BYZHR Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62361B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com