Electronic Components Datasheet Search |
|
TPS62362YZHR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS62362YZHR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 52 page TPS62360, TPS62361B, TPS62362 SLVSAU9A – MAY 2011 – REVISED AUGUST 2011 www.ti.com I 2C INTERFACE TIMING REQUIREMENTS(1)(2) PARAMETER TEST CONDITIONS MIN MAX UNIT Standard mode 100 kHz Fast mode 400 kHz High-speed mode (write operation), CB – 100 pF 3.4 MHz max High-speed mode (read operation), CB – 100 pF f(SCL) SCL clock frequency 3.4 MHz max High-speed mode (write operation), CB – 400 pF 1.7 MHz max High-speed mode (read operation), CB – 400 pF 1.7 MHz max Standard mode 4.7 μs Bus free time between a STOP and tBUF START condition Fast mode 1.3 μs Standard mode 4 μs tHD, tSTA Hold time (repeated) START condition Fast mode 600 ns High-speed mode 160 ns Standard mode 4.7 μs Fast mode 1.3 μs tLOW Low period of the SCL clock High-speed mode, CB – 100 pF max 160 ns High-speed mode, CB – 400 pF max 320 ns Standard mode 4 μs Fast mode 600 ns tHIGH High period of the SCL clock High-speed mode, CB – 100 pF max 60 ns High-speed mode, CB – 400 pF max 120 ns Standard mode 4.7 μs Setup time for a repeated START tSU, tSTA Fast mode 600 ns condition High-speed mode 160 ns Standard mode 250 ns tSU, tDAT Data setup time Fast mode 100 ns High-speed mode 10 ns Standard mode 0 3.45 μs Fast mode 0 0.9 μs tHD, tDAT Data hold time High-speed mode, CB – 100 pF max 0 70 ns High-speed mode, CB – 400 pF max 0 150 ns Standard mode 20 + 0.1 CB 1000 ns Fast mode 20 + 0.1 CB 300 ns tRCL Rise time of SCL signal High-speed mode, CB – 100 pF max 10 40 ns High-speed mode, CB – 400 pF max 20 80 ns Standard mode 20 + 0.1 CB 1000 ns Rise time of SCL signal after a repeated Fast mode 20 + 0.1 CB 300 ns tRCL1 START condition and after an High-speed mode, CB – 100 pF max 10 80 ns acknowledge bit High-speed mode, CB – 400 pF max 20 160 ns Standard mode 20 + 0.1 CB 300 ns Fast mode 20 + 0.1 CB 300 ns tFCL Fall time of SCL signal High-speed mode, CB – 100 pF max 10 40 ns High-speed mode, CB – 400 pF max 20 80 ns (1) S/M = standard mode; F/M = fast mode (2) Specified by design. Not tested in production. 6 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): TPS62360 TPS62361B TPS62362 |
Similar Part No. - TPS62362YZHR |
|
Similar Description - TPS62362YZHR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |