Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB260 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SB260
Description  2 Amp Schottky Rectifier 20V-60V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB260 Datasheet(HTML) 3 Page - Micro Commercial Components

  SB260 Datasheet HTML 1Page - Micro Commercial Components SB260 Datasheet HTML 2Page - Micro Commercial Components SB260 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
4
Device
Packing
Part Number-TP
Tape&Reel: 4Kpcs/Reel
Part Number-AP
Ammo Packing: 3Kpcs/Ammo Box
Part Number-BP
Bulk: 25Kpcs/Carton
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - SB260

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB260 SAMYANG-SB260 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SB260 TAYCHIPST-SB260 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
SB260 DACHANG-SB260 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB260

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SB220L MCC-SB220L Datasheet
384Kb / 3P
   2 Amp Schottky Rectifier 20V-100V
logo
SeCoS Halbleitertechnol...
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
   Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
   12 Amp Schottky Rectifier 20V-45V
MBRD1020CT MCC-MBRD1020CT Datasheet
168Kb / 3P
   10 Amp Schottky Rectifier 20V-100V
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
   SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
   SCHOTTKY RECTIFIER(2 Amp)
logo
SeCoS Halbleitertechnol...
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
   VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
   VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
   VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
   2 AMP SCHOTTKY RECTIFIER DIE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com