Electronic Components Datasheet Search |
|
PC113L Datasheet(PDF) 2 Page - Sharp Corporation |
|
PC113L Datasheet(HTML) 2 Page - Sharp Corporation |
2 / 6 page PC110L/PC111L/PC112L/PC113L s Absolute Maximum Ratings ( Ta = 25˚C) s Electro-optical Characteristics ( Ta = 25˚C) Parameter Symbol Rating Unit Input IF 50 mA I FM 1A Reverse Voltage V R 6V Power dissipation P 70 mW Output PC110L/PC111L V CEO 35 V PC112L/PC113L 70 Emitter-collector voltage V ECO 6V PC110L V CBO 35 V PC112L 70 PC110L/PC112L V EBO 6V Collector current IC 50 mA PC110L/PC111L P C 150 mW PC112L/PC113L 160 PC110L/PC111L P tot 170 mW PC112L/PC113L 200 V iso Vrms Operating temperature T opr - 30 to + 100 ˚C Storage temperature T stg - 55 to + 125 ˚C T sol 260 ˚C Peak forward current Forward current PC110L, PC112L. Collector-emitter voltage Emitter-base voltage Isolation voltage Soldering temperature Collector-base voltage Collector power dissipation Total power dissipation *2 *3 *3 *4 *5 *2 Pulse width <=100 µ s, Duty ratio: 0.001 *3 Applies only to *5 For 10 seconds -3 15 PC112L/PC113L Parameter Symbol Conditions MIN. TYP. MAX. Unit Input Forward voltage V F IF = 20mA - 1.2 1.4 V Reverse current IR V R =4V - - 10 µ A Terminal capacitance Ct V = 0,f = 1kHz - 30 250 pF Output Collector dark current ICEO V CE = 20V, I F -- 10 -7 A Transfer charac- teristics Collector-emitter brakedown voltage PC110L/PC111L BV CEO IC = 0.1mA, I F =0 35 - - V 70 - - PC112L/PC113L Emitter-collector breakdown voltage BV ECO IE =10 µA, IF =0 6 - - V Collector-base breakdown voltage PC110L BV CBO IC = 0.1mA, I F =0 35 - - V PC112L 70 - - Collector-emitter saturation voltage V CE(sat) IF = 20mA, I C = 1mA, R BE = - 0.2 V Isolation resistance R ISO 5x 1010 1x 1011 - Ω Cf V = 0, f = 1MHz - 0.6 1.0 pF Cut-off frequency C - 80 - kHz Rise time PC110L/PC111L t r V CE RL = 2V, I C = 2mA -4 18 µ s -4 15 PC112L/PC113L Fall time PC110L/PC111L tf -3 18 µ s = 0, R BE = VCE = 5V, I C = 2mA, R L = 100 Ω, - 3dB = 100 Ω 0.1 Floating resistance 5 000 *4 40 to 60% RH, AC for 1 minute DC500V, 40 to 60% RH f PC110L/PC111L PC112L/PC113L CTR( % ) 50 to 125 100 to 250 50 to 250 50 to 400 CTR( % ) 40 to 120 80 to 200 40 to 200 40 to 320 Model No. PC110L1/PC111L1 PC110L2/PC111L2 PC110L5/PC111L5 PC110L/PC111L Model No. PC112L1/PC113L1 PC112L2/PC113L2 PC112L5/PC113L5 PC112L/PC113L transfer ratio PC112L/PC113L PC110L PC111L CTR IF = 5mA, VCE = 5V, R BE = IF = 10mA, VCE = 5V, R BE = 50 50 40 - - 100 400 400 320 % Current |
Similar Part No. - PC113L |
|
Similar Description - PC113L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |