Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK110-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK110-L
Description  1 Amp Schottky Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK110-L Datasheet(HTML) 2 Page - Micro Commercial Components

  SK110-L Datasheet HTML 1Page - Micro Commercial Components SK110-L Datasheet HTML 2Page - Micro Commercial Components SK110-L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SK12-L thru SK110-L
Figure 3. --
M C C
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Fig.2-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
FORWARD VOLTAGE, VOLTS
0
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
20-40V
50-60V
80-100V
T = 25 C
A
O
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T =25 C
J
O
V
=20-60V
V
=80-100V
RRM
RRM
T =75 C
J
O
T =125 C
J
O
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
LEAD TEMPERAURE, C
O
1.0
.50
0
Typical Reverse Characteristics
Forward current derating curve
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5. 0mm)
COPPERPADAREAS
.25
.75
25
5
0
0
100
75
125
150
175
Figure 1. --
Typical Instantaneous Forward
Figure 2. --
Characteristic
Rating and Characteristic Curves
0.
0.5
1.0
5.0
10
50
100
10
20
40
60
100
200
400
600
1000
Fig.2-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
Reverse Voltage - Volts
Fig.2-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
Typical Junction Capacitance
Figure 4. --
2 of 3


Similar Part No. - SK110-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK110-L MCC-SK110-L Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK110-L MCC-SK110-L Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SK110-LFR FRONTIER-SK110-LFR Datasheet
171Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK110-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12 Datasheet
353Kb / 2P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com