Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK26 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK26
Description  2 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK26 Datasheet(HTML) 1 Page - Micro Commercial Components

  SK26 Datasheet HTML 1Page - Micro Commercial Components SK26 Datasheet HTML 2Page - Micro Commercial Components SK26 Datasheet HTML 3Page - Micro Commercial Components SK26 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK22
THRU
SK210
2 Amp Schottky
Rectifier
20 to 100 Volts
Features
Schottky Barrier Rectifier
Guard Ring Protection
Low Forward Voltage
Low Thermal Resistance
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK22
SK22
20V
14V
20V
SK23
SK23
30V
21V
30V
SK24
SK24
40V
28V
40V
SK25
SK25
50V
35V
50V
SK26
SK26
60V
42V
60V
SK28
SK28
80V
56V
80V
SK210
SK210
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 90
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
TJ = 25
°C
0.5 mA
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum
Instantaneous
Forward Voltage
SK22-SK24
SK25-SK26
SK28-SK210
VF
.55V
.70V
.85V
IFM = 2.0A;
TJ = 25
°C*
DO-214A
A
(HSMB) (
Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
Typical Junction
Capacitance
SK22
SK23-SK210
CJ
230pF
50pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SK26

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SK26 SUNMATE-SK26 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SK26 PANJIT-SK26 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SHIKUES Electronics
SK26 SKTECHNOLGY-SK26 Datasheet
713Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SK26 DGNJDZ-SK26 Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SK26 DAESAN-SK26 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
More results

Similar Description - SK26

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS22 MCC-SS22_11 Datasheet
215Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK26-TP MCC-SK26-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22 LEIDITECH-SK22 Datasheet
618Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK22 MCC-SK22 Datasheet
625Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS24-TP MCC-SS24-TP Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SK23-TP MCC-SK23-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Daya Electric Group Co....
SS22 DAYA-SS22 Datasheet
387Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SS28-TP MCC-SS28-TP Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Daya Electric Group Co....
SK22 DAYA-SK22 Datasheet
388Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com