Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK35 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK35
Description  3 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK35 Datasheet(HTML) 1 Page - Micro Commercial Components

  SK35 Datasheet HTML 1Page - Micro Commercial Components SK35 Datasheet HTML 2Page - Micro Commercial Components SK35 Datasheet HTML 3Page - Micro Commercial Components SK35 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK32
THRU
SK310
3 Amp Schottky
Rectifier
20 to 100 Volts
Features
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK32
SK32
20V
14V
20V
SK33
SK33
30V
21V
30V
SK34
SK34
40V
28V
40V
SK35
SK35
50V
35V
50V
SK36
SK36
60V
42V
60V
SK310
SK310
100V
70V
100V
0.0
70”
0.1
90
0.12
5”
SUGGESTED SOLDER
PAD LAYOUT
SK38
SK38
80V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
.5mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
250pF
Measured at
1.0MHz, VR=4.0V
Maximum
Instantaneous
Forward Voltage
SK32-34
SK35-36
SK38-310
VF
.50V
.75V
.85V
IFM = 3.0A;
TJ = 25
°C*
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
DO-214AB
(SMC) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.260
.280
6.60
7.11
B
.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.305
.320
7.75
8.13
F
.079
.103
2.00
2.62
G
.108
.128
2.75
3.25
H
.002
.008
0.050
0.203
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision:
B
20
11/07/04
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
For Surface Mount Applications
High Current Capability With Low Forward Voltage
High Temp Soldering: 2
60
°C for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance :10
°C/W Junction To Lead
Maximum Thermal Resistance :55
°C/W Junction To Ambiemt


Similar Part No. - SK35

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SK35 SHUNYE-SK35 Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SK35 PANJIT-SK35 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
SK35 DIOTEC-SK35 Datasheet
141Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Semikron International
SK35 SEMIKRON-SK35 Datasheet
149Kb / 2P
   Schottky barrier rectifiers diodes
logo
Shenzhen Taychipst Elec...
SK35 TAYCHIPST-SK35 Datasheet
2Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK35

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32 MCC-SK32 Datasheet
899Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_11 Datasheet
275Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B-L MCC-SK32B-L Datasheet
245Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32 LEIDITECH-SK32 Datasheet
681Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK32A MCC-SK32A Datasheet
237Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Tiger Electronic Co.,Lt...
SK32 TGS-SK32 Datasheet
595Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK38A-LTP MCC-SK38A-LTP Datasheet
179Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_13 Datasheet
209Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32AFL MCC-SK32AFL_17 Datasheet
297Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32B-L LEIDITECH-SK32B-L Datasheet
638Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com