Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK43L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK43L
Description  4 Amp Schottky Rectifier 20 to 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK43L Datasheet(HTML) 1 Page - Micro Commercial Components

  SK43L Datasheet HTML 1Page - Micro Commercial Components SK43L Datasheet HTML 2Page - Micro Commercial Components SK43L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SK42L
THRU
SK44L
4 Amp Schottky
Rectifier
20 to 40 Volts
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK42L
SK42L
20V
14V
20V
SK43L
SK43L
30V
21V
30V
SK44L
SK44L
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TL =90
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage*
VF
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage*
IR
0.5mA
35mA
TA = 25
°C
TA = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
www.mccsemi.com
SK42L~43L
0.060”
0.185
0.121”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AB
(SMC) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.260
.280
6.60
7.11
B
.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.305
.320
7.75
8.13
F
.079
.103
2.00
2.62
G
.108
.128
2.75
3.25
H
.002
.008
0.050
0.203
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
11/01/01
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Maximum Thermal Resistance; 14
OC/W Junction To Lead
50
°C/W Junction To Ambient
TM
Micro Commercial Components
High Surge Capability
Ver low forward voltage drop
Low power losses,high efficiency
Guardring for overvoltage protection
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
8.0A
.42V
IFM = 4.0A;TA=25
oC
.31V
IFM =4.0A;TA=125
oC
.44V
IFM =4.0A;TA=25
oC
.35V
IFM =4.0A;TA=125
oC
SK44L
.47V
IFM =8.0A;TA=25
oC
.37V
IFM =8.0A;TA=125
oC
.50V
IFM =8.0A;TA=25
oC
.41V
IFM =8.0A;TA=125
oC
SK42L~43L
SK44L
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SK43L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK43L MCC-SK43L Datasheet
197Kb / 3P
   4 Amp Schottky Rectifier 20 to 40 Volts
More results

Similar Description - SK43L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK42BL MCC-SK42BL Datasheet
200Kb / 3P
   4 Amp Schottky Rectifier 20 to 40 Volts
SK42BL-TP MCC-SK42BL-TP Datasheet
229Kb / 3P
   4 Amp Schottky Rectifier 20 to 40 Volts
SK42L MCC-SK42L_14 Datasheet
197Kb / 3P
   4 Amp Schottky Rectifier 20 to 40 Volts
SK42BL MCC-SK42BL_16 Datasheet
239Kb / 3P
   4 Amp Low VF Schottky Rectifier 20 to 40 Volts
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
MBR0520L MCC-MBR0520L Datasheet
275Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 40 Volts
logo
Solid States Devices, I...
SSR2040-59 SSDI-SSR2040-59 Datasheet
197Kb / 2P
   20 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com