Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK58 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK58
Description  5 Amp Schottky Rectifier 20 to 100 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK58 Datasheet(HTML) 2 Page - Micro Commercial Components

  SK58 Datasheet HTML 1Page - Micro Commercial Components SK58 Datasheet HTML 2Page - Micro Commercial Components SK58 Datasheet HTML 3Page - Micro Commercial Components SK58 Datasheet HTML 4Page - Micro Commercial Components SK58 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SK52
THRU
SK510
5 Amp Schottky
Rectifier
20 to 100 Volts
Features
For Surface Mount Applications
High Current Capability With Low Forward Voltage
Easy Pick And Place
High Temp Soldering: 2
60OC for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Maximum Thermal Resistance; 18
OC/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK52
SK52
20V
14V
20V
SK53
SK53
30V
21V
30V
SK54
SK54
40V
28V
40V
SK545
SK545
45V
31.5V
45V
SK55
SK55
50V
35V
50V
SK56
SK56
60V
42V
60V
SK58
SK58
80V
56V
80V
SK510
SK510
100V
70V
100V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TJ = 120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SK52- 545
SK55- 56
SK58- 510
VF
.55V
.75V
.85V
IFM = 5.0A;
TJ = 25
OC*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
20mA
TJ = 25
OC
TJ = 100
OC
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200 usec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
DO-214AB
(
HSMC) (Round Lead)
0.070”
0.190”
0.200”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
F
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.
70
5.
30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.
047
.056
1.
20
1.
42
F
.168
.179
4.27
4.55
G
.3
09
.
322
7.85
8.
18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
TM
Micro Commercial Components
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
www.mccsemi.com
1 of 4
Revision:
5
2008/0
2/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.


Similar Part No. - SK58

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK58 PANJIT-SK58 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Diotec Semiconductor
SK58 DIOTEC-SK58 Datasheet
157Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
DAESAN ELECTRONIC CORP.
SK58 DAESAN-SK58 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
logo
GUANGDONG HOTTECH INDUS...
SK58 HOTTECH-SK58 Datasheet
170Kb / 2P
   SCHOTTKY DIODES
logo
Micro Commercial Compon...
SK58 MCC-SK58 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK58

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK54B-LTP MCC-SK54B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK56B-LTP MCC-SK56B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_11 Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_15 Datasheet
202Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com