Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK58L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK58L
Description  5 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK58L Datasheet(HTML) 1 Page - Micro Commercial Components

  SK58L Datasheet HTML 1Page - Micro Commercial Components SK58L Datasheet HTML 2Page - Micro Commercial Components SK58L Datasheet HTML 3Page - Micro Commercial Components SK58L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK52L
THRU
SK510L
5 Amp Schottky
Rectifier
20 to 100 Volts
Features
High Current Capability
For Surface Mount Applications
Higher Temp Soldering : 260
for 10 Seconds At Terminals
Available on Tape and Reel
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK52L
SK52
20V
14V
20V
SK53L
SK53
30V
21V
30V
SK54L
SK54
40V
28V
40V
SK55L
SK5550V
35V
50V
SK56L
SK5660V
42V
60V
SK58L
SK5880V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TA = 120
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.55V
.75V
IFM = 5.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
SK58L~510L
.85V
SK52L~54L
SK55L~56L
0.0
70”
0.1
90
0.12
5”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AB
(SMC) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.260
.280
6.60
7.11
B
.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.305
.320
7.75
8.13
F
.079
.103
2.00
2.62
G
.108
.128
2.75
3.25
H
.002
.008
0.050
0.203
°C
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Maximum Thermal Resistance; 16
OC/W Junction To Lead
55
°C/W Junction To Ambient
SK510L
SK510
100V
70V
100V
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Revision:
A
20
11/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SK58L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK58L MCC-SK58L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK58L MCC-SK58L Datasheet
202Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK58L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK54B-LTP MCC-SK54B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK56B-LTP MCC-SK56B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52_08 Datasheet
604Kb / 5P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_15 Datasheet
202Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com