Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK66L Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK66L
Description  6 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK66L Datasheet(HTML) 3 Page - Micro Commercial Components

  SK66L Datasheet HTML 1Page - Micro Commercial Components SK66L Datasheet HTML 2Page - Micro Commercial Components SK66L Datasheet HTML 3Page - Micro Commercial Components SK66L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
µAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
25
°C
4
6
10
140
1
100
4
0
25
50
75
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
100
125
150
SK62L -645L
SK65L -610L
MCC
SK62L thru SK610L
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: A
2011/01/01


Similar Part No. - SK66L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK66L MCC-SK66L Datasheet
692Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK66L MCC-SK66L Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK66L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK62L MCC-SK62L Datasheet
692Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62_08 Datasheet
607Kb / 5P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62L MCC-SK62L_14 Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com