Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC355 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC355
Description  Mini-Flat Package, High Sensitivity Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355 Datasheet(HTML) 2 Page - Sharp Corporation

  PC355 Datasheet HTML 1Page - Sharp Corporation PC355 Datasheet HTML 2Page - Sharp Corporation PC355 Datasheet HTML 3Page - Sharp Corporation PC355 Datasheet HTML 4Page - Sharp Corporation PC355 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*3 For 10 senconds
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
6
V
Collector current
IC
80
mA
Collector power dissipation
P C
150
mW
Total power dissipation
170
mW
*2 Isolation voltage
V
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
260
˚C
V ECO
P tot
T opr
T stg
T sol
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 10V, I F =0
-
-
A
Collector-emitter breakdown voltage
BV CEO
IC = 0.1mA, I F = 0
35
-
-
V
Emitter-collector breakdown voltage
BV ECO
IE =10
µA, I F =0
6
-
-
V
Transfer-
charac-
teristics
Current transfer ratio
CTR
IF = 1mA, V CE = 2V
600
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA
-
0.8
1.0
V
Isolation resistance
R ISO
5x 1010
1011
-
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Response time
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
-
60
300
µ s
Fall time
-
53
250
µ s
(Ta = 25˚C )
- 30 to + 100
- 40 to + 125
s Absolute Maximum Ratings
s Electro-optical Characteristics
tf
10 -6
Soldering area
iso
*1 Pulse width <=100
µs, Duty ratio : 0.001
Reverse current
V = 0, f = 1kHz
3 750
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
1 600
7 500
PC355NT
V rms


Similar Part No. - PC355

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
   20 Amp Minature PCB Power Relay
logo
List of Unclassifed Man...
PC3550 ETC1-PC3550 Datasheet
69Kb / 2P
   Type of pressure: relative pressure Liquids and gases
logo
Picker Components
PC3551A-12 PICKER-PC3551A-12 Datasheet
171Kb / 2P
   20 Amp Minature PCB Power Relay
PC3551A-12F PICKER-PC3551A-12F Datasheet
171Kb / 2P
   20 Amp Minature PCB Power Relay
PC3551A-12P PICKER-PC3551A-12P Datasheet
171Kb / 2P
   20 Amp Minature PCB Power Relay
More results

Similar Description - PC355

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com