Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1535 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK1535
Description  15 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK1535 Datasheet(HTML) 2 Page - Micro Commercial Components

  SK1535 Datasheet HTML 1Page - Micro Commercial Components SK1535 Datasheet HTML 2Page - Micro Commercial Components SK1535 Datasheet HTML 3Page - Micro Commercial Components SK1535 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

  !"#
versus
Lead Temperature
°
%

&'
('
)%'
)*'
)&'
)('
'
%+,
,+'
-+,
. #/0.1
&'02##3
!"#
°
)''
)'+
)%+,
),+'
4
5"
+)
+%
)
+*
%
)'
%'
*'
*
)'' %''
)'
%'
&'
)''
%''
)''
5" "versus
#6. 6.#
"
6.#
&''
*''
*'
*''
)'''
7%,°
)
8".##
3##  !"#versus
3##6. 6.#
6.#
*'
&'
%'
'
)''
!"#
+%
)+%
+*
+&
+(
)+'
+)
+%
+*
+&
)
%
*
&
)'
%'
%,°
*''
&''
)''
)+*
9),% 9),*,
9),, 9),)'
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: A
2011/01/01


Similar Part No. - SK1535

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK1535 MCC-SK1535 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Applications
logo
List of Unclassifed Man...
SK1535 ETC2-SK1535 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK1535 MCC-SK1535 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK1535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK153-TP ETC2-SK153-TP Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK152 MCC-SK152 Datasheet
94Kb / 3P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK154-TP MCC-SK154-TP Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SS152C LEIDITECH-SS152C Datasheet
250Kb / 3P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com