Electronic Components Datasheet Search |
|
XRP2525 Datasheet(PDF) 4 Page - Exar Corporation |
|
XRP2525 Datasheet(HTML) 4 Page - Exar Corporation |
4 / 11 page X XR RP P2 25 52 25 5 -- X XR RP P2 25 52 26 6 S Siin ng glle e/ /D Du ua all C Ch ha an nn ne ell U US SB B 3 3..0 0 P Po ow we err D Diis sttrriib bu uttiio on n S Sw wiittcch h © 2011 Exar Corporation 4/11 Rev. 1.1.0 PIN ASSIGNMENT Fig. 3: XRP2525 - XRP2526 Pin Assignment PIN DESCRIPTION – XRP2525 Name Pin Number Description EN 1 Channel Enable Input Active High for XRP2525-1 and Active Low for XRP2525-2 FLG 2 Error Flag Signal Active low open drain output. Active on over-current, over-temperature or UVLO conditions. GND 3 Ground Signal NC 4,5,6 No Connect IN 7 Voltage Input Pin OUT 8 Voltage Output Pin PIN DESCRIPTION – XRP2526 Name Pin Number Description ENX 1,4 Channel Enable Input Active High for XRP2526-1 and Active Low for XRP2526-2 FLGX 2,3 Error Flag Signal Active low open drain output. Active on over-current, over-temperature or UVLO conditions. GND 6 Ground Signal IN 7 Voltage Input Pin OUTX 5,8 Voltage Output Pin ORDERING INFORMATION Part Number Temperature Range Marking Package Packing Quantity Note 1 Note 2 XRP2525ID-1-F -40°C≤TA≤+85°C 2525ID 1 YYWW X NSOIC8 Bulk Lead Free and Halogen Free Single Channel Active high XRP2525IDTR-1-F 2.5K/Tape & Reel XRP2525ID-2-F -40°C≤TA≤+85°C 2525ID 2 YYWW X NSOIC8 Bulk Lead Free and Halogen Free Single Channel Active low XRP2525IDTR-2-F 2.5K/Tape & Reel XRP2526ID-1-F -40°C≤TA≤+85°C 2526ID 1 YYWW X NSOIC8 Bulk Lead Free and Halogen Free Dual Channel Active high XRP2526IDTR-1-F 2.5K/Tape & Reel XRP2526ID-2-F -40°C≤TA≤+85°C 2526ID 2 YYWW X NSOIC8 Bulk Lead Free and Halogen Free Dual Channel Active low XRP2526IDTR-2-F 2.5K/Tape & Reel XRP2525EVB XRP2525 Evaluation Board XRP2526EVB XRP2526 Evaluation Board “YY” = Year – “WW” = Work Week – “X” = Lot Number; when applicable. |
Similar Part No. - XRP2525 |
|
Similar Description - XRP2525 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |