Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2525 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP2525
Description  Single/Dual Channel USB 3.0 Power Distribution Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2525 Datasheet(HTML) 5 Page - Exar Corporation

  XRP2525 Datasheet HTML 1Page - Exar Corporation XRP2525 Datasheet HTML 2Page - Exar Corporation XRP2525 Datasheet HTML 3Page - Exar Corporation XRP2525 Datasheet HTML 4Page - Exar Corporation XRP2525 Datasheet HTML 5Page - Exar Corporation XRP2525 Datasheet HTML 6Page - Exar Corporation XRP2525 Datasheet HTML 7Page - Exar Corporation XRP2525 Datasheet HTML 8Page - Exar Corporation XRP2525 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
X
XR
RP
P2
25
52
25
5 -- X
XR
RP
P2
25
52
26
6
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B 3
3..0
0 P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
5/11
Rev. 1.1.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 5V, CIN = 47µF//1µF, COUT = 10µF, TJ = TA = 25°C, unless otherwise specified - Schematic and BOM
from Application Information section of this datasheet.
Fig. 4: Output On-Resistance vs. Temperature (XRP2525)
Fig. 5: Output On-Resistance vs. Temperature (XRP2526)
Fig. 6: Off Supply Current vs. Temperature
Fig. 7: Quiescent Current vs. Temperature
XRP2525 and XRP2526 (1-channel on)
Fig. 8: Quiescent Current vs. Temperature
XRP2526 (2-channels on)
Fig. 9: FLG Logic Low Voltage vs. Temperature


Similar Part No. - XRP2525

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527EVB EXAR-XRP2527EVB Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHB-1-F EXAR-XRP2527IHB-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHBTR-1-F EXAR-XRP2527IHBTR-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
More results

Similar Description - XRP2525

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com