Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2525ID-1-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP2525ID-1-F
Description  Single/Dual Channel USB 3.0 Power Distribution Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2525ID-1-F Datasheet(HTML) 2 Page - Exar Corporation

  XRP2525ID-1-F Datasheet HTML 1Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 2Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 3Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 4Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 5Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 6Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 7Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 8Page - Exar Corporation XRP2525ID-1-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
X
XR
RP
P2
25
52
25
5 -- X
XR
RP
P2
25
52
26
6
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B 3
3..0
0 P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
2/11
Rev. 1.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VIN........................................................... -0.3V to 7.0V
VEN, VFLG ............................................................... 7.0V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation ................................ Internally Limited
Lead Temperature (Soldering, 10 sec) ................... 300°C
ESD Rating (HBM - Human Body Model) .................... 2kV
ESD Rating (MM - Machine Model) ...........................200V
OPERATING RATINGS
Input Voltage Range VIN............................. 1.75V to 5.5V
Junction Temperature Range ....................-40°C to 125°C
Thermal Resistance θJA ..................................128.4ºC/W
ELECTRICAL SPECIFICATIONS
Specifications are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full Operating Junction
Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise indicated, 1.8V to 5.5V, CIN = 47µF//1µF, COUT = 10µF, TJ = –40°C to 125°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Supply Voltage
1.8
5.5
V
Input Quiescent Current
80
150
µA
• XRP2526 (Both Channels enabled)
VIN=5V, IOUT1 = IOUT2 =0mA
Input Quiescent Current
52
100
µA
• XRP2525 & XRP2526 (1 Channel enabled)
VIN=5V, IOUT1 =0mA
Input Shutdown Current
3
µA
• VIN=5V, Channel(s) disabled
Maximum Output Current per
channel
900
mA
• XRP2525 and XRP2526
Output Leakage Current
10
µA
VIN=5V, VOUT=0V, Each channel, Switch off
Reverse Leakage Current
10
µA
VIN=0V, VOUT=5V, Each channel, Switch off
Output MOSFET Resistance
80
140
mΩ
• IOUT=0.3A, Each channel
Output turn-on delay
1000
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-on rise time
2000
4000
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-off delay
10
20
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-off fall time
22
50
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Current limit threshold
0.90
1.15
1.40
A
• VIN – VOUT =0.3V, Internally set
Short Circuit Current Limit
0.66xILIM
A
VOUT =0V
Output Voltage Short Circuit
Detect Threshold
925
mV
Operates in short circuit current limit mode
when output voltage is below threshold.
Safe Operating Area (SOA)
Current Limit
3
A
Over temperature shutdown
threshold
135
°C
Temperature rising
Over temperature shutdown
threshold hysteresis
10
°C
Temperature decreasing
Under-voltage lockout threshold
1.55
1.68
1.75
V
VIN rising or falling
Under-voltage lockout hysteresis
50
mV
FLG output logic low voltage
100
250
mV
IFLG=10mA, VIN=5.5V
FLG output high leakage
1
µA
FLG blanking time
10
ms
EN input logic high voltage
1.5
V
EN input logic low voltage
0.5
V
EN input leakage current
-1
0
1
µA
VEN=0V or VEN=5.5V


Similar Part No. - XRP2525ID-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527EVB EXAR-XRP2527EVB Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHB-1-F EXAR-XRP2527IHB-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHBTR-1-F EXAR-XRP2527IHBTR-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
More results

Similar Description - XRP2525ID-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com