Electronic Components Datasheet Search |
|
XRP2525IDTR-1-F Datasheet(PDF) 1 Page - Exar Corporation |
|
XRP2525IDTR-1-F Datasheet(HTML) 1 Page - Exar Corporation |
1 / 11 page X XR RP P2 25 52 25 5 -- X XR RP P2 25 52 26 6 S Siin ng glle e/ /D Du ua all C Ch ha an nn ne ell U US SB B 3 3..0 0 P Po ow we err D Diis sttrriib bu uttiio on n S Sw wiittcch h July 2011 Rev. 1.1.0 Exar Corporation www.exar.com 48720 Kato Road, Fremont CA 94538, USA Tel. +1 510 668-7000 – Fax. +1 510 668-7001 GENERAL DESCRIPTION The XRP2525 and XRP2526 devices are respectively single and dual channel integrated high-side power distribution switches with independent enables and fault flags. A wide 1.8V to 5.5V input voltage range allows for operations from industry standard 1.8V, 3.3V and 5V power rails. Optimized for USB VBUS power distribution, the XRP2525 and XRP2526 are compliant with the latest USB 3.0 specification and can be used in any self or bus powered USB applications. The power-switch rise and fall times are controlled to minimize current surges during turn on/off. The XRP2525 and XRP2526 are pin and function compatible to respectively Exar’s SP2525A and SP2526A. Built-in over current, under voltage lockout (UVLO), reverse current and over temperature protections insure safe operations under abnormal operating conditions. XRP2525 and XRP2526 are offered in a RoHS compliant “green”/halogen free 8-pin NSOIC package. APPLICATIONS Self Powered USB 2.0 and 3.0 Hubs USB Compliant VBUS Power Distribution Audio-Video Equipments Generic Power Switching FEATURES Single/Dual Channel Current Switch 900mA per channel capable 1.15A Over-current Limit 1.8V to 5.5V Input Voltage Range USB 2.0/3.0 Compliant Active High or Low Individual Enable Individual Channel Fault Flag Indicator Under voltage Lockout, Reverse Current and Thermal Shutdown Protection RoHS Compliant, Green/Halogen Free 8-Pin NSOIC Package TYPICAL APPLICATION DIAGRAM Fig. 1: XRP2526 Application Diagram |
Similar Part No. - XRP2525IDTR-1-F |
|
Similar Description - XRP2525IDTR-1-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |