Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2526ID-2-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP2526ID-2-F
Description  Single/Dual Channel USB 3.0 Power Distribution Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2526ID-2-F Datasheet(HTML) 4 Page - Exar Corporation

  XRP2526ID-2-F Datasheet HTML 1Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 2Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 3Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 4Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 5Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 6Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 7Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 8Page - Exar Corporation XRP2526ID-2-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X
XR
RP
P2
25
52
25
5 -- X
XR
RP
P2
25
52
26
6
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B 3
3..0
0 P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
4/11
Rev. 1.1.0
PIN ASSIGNMENT
Fig. 3: XRP2525 - XRP2526 Pin Assignment
PIN DESCRIPTION – XRP2525
Name
Pin Number
Description
EN
1
Channel Enable Input
Active High for XRP2525-1 and Active Low for XRP2525-2
FLG
2
Error Flag Signal
Active low open drain output. Active on over-current, over-temperature or UVLO conditions.
GND
3
Ground Signal
NC
4,5,6
No Connect
IN
7
Voltage Input Pin
OUT
8
Voltage Output Pin
PIN DESCRIPTION – XRP2526
Name
Pin Number
Description
ENX
1,4
Channel Enable Input
Active High for XRP2526-1 and Active Low for XRP2526-2
FLGX
2,3
Error Flag Signal
Active low open drain output. Active on over-current, over-temperature or UVLO conditions.
GND
6
Ground Signal
IN
7
Voltage Input Pin
OUTX
5,8
Voltage Output Pin
ORDERING INFORMATION
Part Number
Temperature Range
Marking
Package
Packing Quantity
Note 1
Note 2
XRP2525ID-1-F
-40°C≤TA≤+85°C
2525ID 1
YYWW
X
NSOIC8
Bulk
Lead Free and
Halogen Free
Single Channel
Active high
XRP2525IDTR-1-F
2.5K/Tape & Reel
XRP2525ID-2-F
-40°C≤TA≤+85°C
2525ID 2
YYWW
X
NSOIC8
Bulk
Lead Free and
Halogen Free
Single Channel
Active low
XRP2525IDTR-2-F
2.5K/Tape & Reel
XRP2526ID-1-F
-40°C≤TA≤+85°C
2526ID 1
YYWW
X
NSOIC8
Bulk
Lead Free and
Halogen Free
Dual Channel
Active high
XRP2526IDTR-1-F
2.5K/Tape & Reel
XRP2526ID-2-F
-40°C≤TA≤+85°C
2526ID 2
YYWW
X
NSOIC8
Bulk
Lead Free and
Halogen Free
Dual Channel
Active low
XRP2526IDTR-2-F
2.5K/Tape & Reel
XRP2525EVB
XRP2525 Evaluation Board
XRP2526EVB
XRP2526 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number; when applicable.


Similar Part No. - XRP2526ID-2-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527EVB EXAR-XRP2527EVB Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHB-1-F EXAR-XRP2527IHB-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHBTR-1-F EXAR-XRP2527IHBTR-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
More results

Similar Description - XRP2526ID-2-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com