Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2997 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP2997
Description  2A DDR I/II/III Bus Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2997 Datasheet(HTML) 4 Page - Exar Corporation

  XRP2997 Datasheet HTML 1Page - Exar Corporation XRP2997 Datasheet HTML 2Page - Exar Corporation XRP2997 Datasheet HTML 3Page - Exar Corporation XRP2997 Datasheet HTML 4Page - Exar Corporation XRP2997 Datasheet HTML 5Page - Exar Corporation XRP2997 Datasheet HTML 6Page - Exar Corporation XRP2997 Datasheet HTML 7Page - Exar Corporation XRP2997 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
X
XR
RP
P2
29
99
97
7
2
2A
A D
DD
DR
R II/
/IIII/
/IIIIII B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
4/8
Rev. 1.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 1.8V/1.5V, VCNTL = 3.3V, VREF = 0.5xVIN, COUT = 22µF (ceramic), TA= 25°C, unless otherwise specified
- Schematic and BOM from Application Information section of this datasheet.
Fig. 4: Turn on and turn off vs. Temperature
Fig. 5: Output Voltage vs. Temperature
Fig. 6: Current limit (sourcing) vs. Temperature
Fig. 7: Current limit (sinking) vs. Temperature
Fig. 8: VIN=1.5V, VREF=0.75V source response
Fig. 9: VIN=1.8V, VREF=0.9V source response


Similar Part No. - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP2997 EXAR-XRP2997 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997IDBTR-F EXAR-XRP2997IDBTR-F Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997_1108 EXAR-XRP2997_1108 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results

Similar Description - XRP2997

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Exar Corporation
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com