Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2997 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP2997
Description  2A DDR I/II/III Bus Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2997 Datasheet(HTML) 1 Page - Exar Corporation

  XRP2997 Datasheet HTML 1Page - Exar Corporation XRP2997 Datasheet HTML 2Page - Exar Corporation XRP2997 Datasheet HTML 3Page - Exar Corporation XRP2997 Datasheet HTML 4Page - Exar Corporation XRP2997 Datasheet HTML 5Page - Exar Corporation XRP2997 Datasheet HTML 6Page - Exar Corporation XRP2997 Datasheet HTML 7Page - Exar Corporation XRP2997 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
X
XR
RP
P2
29
99
97
7
2
2A
A D
DD
DR
R II/
/IIII/
/IIIIII B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
July 2011
Rev. 1.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP2997 is a Double Data Rate (DDR)
termination voltage regulator supporting all
power requirements of DDR I, II and III
memories and is capable of sinking or sourcing
2A continuously.
Tightly regulating its output voltage within
±20mV, the XRP2997 converts input voltages
as low as 1.1V while the output voltage is
adjustable through an external resistor divider
or by forcing the VREF pin voltage. It maintains
a fast line and load transient response and
only requires an output capacitance of 22µF to
operate. An enable function via an external
MOSFET and a soft start feature allow for a
controlled
implementation
of
power-up
sequencing.
Built-in
source/sink
overcurrent,
over-
temperature
and
under-voltage
lockout
protections
insure
safe
operation
under
abnormal operating conditions.
The XRP2997 meets JEDEC SSTL-2, SSTL-18,
HSTL, SCSI-1 and SCSI-3 specifications for
DDR SDRAM memories.
The XRP2997 is offered in a RoHS compliant,
“green”/halogen free 8-pin Exposed Pad SOIC
package.
APPLICATIONS
 DDR I/II/III Memory Termination
 Active Termination Buses
 Audio-Video Equipments
 Video-Graphics Cards
FEATURES
 DDR1, DDR2 and DDR3 Support
 0.75VTT Generation
 ±20mV Output Voltage Offset
 2 Amps Continuous Current Sourcing &
Sinking
 1.1V to 5.5V Wide Input Voltage Range
 Adjustable Output Voltage
 Suspend to RAM(STR), Enable & Soft
Start Functions
 Stable with 22µF Ceramic Capacitor
 UVLO, Over Temperature and Over
Current Protections
 Minimal External Components
 Pin/Function Compatible with SP2996B
 RoHS Compliant “Green”/Halogen Free
8-Pin SOIC Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP2997 DDRIII VTT Application Diagram


Similar Part No. - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP2997 EXAR-XRP2997 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997IDBTR-F EXAR-XRP2997IDBTR-F Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997_1108 EXAR-XRP2997_1108 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results

Similar Description - XRP2997

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Exar Corporation
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com