Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2525EVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP2525EVB
Description  Single/Dual Channel USB 3.0 Power Distribution Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2525EVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRP2525EVB Datasheet HTML 3Page - Exar Corporation XRP2525EVB Datasheet HTML 4Page - Exar Corporation XRP2525EVB Datasheet HTML 5Page - Exar Corporation XRP2525EVB Datasheet HTML 6Page - Exar Corporation XRP2525EVB Datasheet HTML 7Page - Exar Corporation XRP2525EVB Datasheet HTML 8Page - Exar Corporation XRP2525EVB Datasheet HTML 9Page - Exar Corporation XRP2525EVB Datasheet HTML 10Page - Exar Corporation XRP2525EVB Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
X
XR
RP
P2
25
52
25
5 -- X
XR
RP
P2
25
52
26
6
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B 3
3..0
0 P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
9/11
Rev. 1.1.0
THEORY OF OPERATION
The XRP2525 and XRP2526 devices are
respectively single and dual channel integrated
high-side power distribution switches that can
be used in any self or bus powered USB
applications. They are compliant with the
latest USB 3.0 specifications. The reverse
current protection feature prevents current to
flow from OUT to IN when the device is
disabled.
INPUT & OUTPUT
Placing bulk capacitances of at least 47μF and
10μF at the input and output pins respectively
reduces power supply transients under heavy
current load conditions.
It is important to place a 1μF ceramic bypass
capacitor from IN to GND as close as possible
to the device in order to control supply
transients.
Furthermore, bypassing the output pin with a
0.1μF to 1μF ceramic capacitor improves the
device response to short-circuit transients.
ERROR FLAG
The error flag signal (FLGX output pin) is an
open-drain output and is pulled low (active
low)
upon
detection
of
the
following
conditions:
Over-current condition
Over-temperature condition
Under voltage lockout condition
Over-temperature and under voltage lockout
conditions are flagged immediately while the
over – current condition is reported only if this
condition persists continuously for longer than
the blanking time of 10ms. The blanking time
prevents erroneous reporting of current faults
due to brief output current spikes.
Once activated, the error flag signal remains
low until all fault conditions have been
removed
and
is
independent
for
each
individual channel.
CURRENT LIMIT
The current limit threshold is preset internally.
It protects the output MOSFET switches from
damages resulting from undesirable short
circuit conditions or excess inrush current,
which is often encountered during hot plug-in.
The low limit of the current limit threshold of
the XRP2525 and XRP2526 allows a minimum
current of 0.9A through the MOSFET switches.
When an overcurrent condition is detected, the
output current is limited to a constant current
limit threshold value and output voltage is
reduced accordingly. Triggering the current
limit function is signaled by the Error Flag
after 10ms of blanking time period.
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout function (UVLO) keeps
the internal power switch from being turned
on until the power supply has reached at least
1.68V, even if the switch is enabled. Upon
detection
of
an
input
voltage
below
approximately 1.68V, the power switch is
turned off while a fault condition is reported by
the error flag signal.
THERMAL PROTECTION
Internal thermal sensing circuitry monitors the
operating temperature of the device for each
channel independently. Upon detection of a
temperature in excess of 135°C, the power
switch for the given channel is disabled
preventing any damages to the device while a
fault condition is reported by the error flag
signal. A built-in 10°C hysteresis allows the
device to cool down to 125°C before resuming
normal operations on the faulty channel at
which point the error flag signal is cleared.
TEST CIRCUIT


Similar Part No. - XRP2525EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527EVB EXAR-XRP2527EVB Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHB-1-F EXAR-XRP2527IHB-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHBTR-1-F EXAR-XRP2527IHBTR-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
More results

Similar Description - XRP2525EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com