Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7618 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP7618
Description  8-Channel Constant Current Linear LED Driver With Smart TalkTM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7618 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRP7618 Datasheet HTML 2Page - Exar Corporation XRP7618 Datasheet HTML 3Page - Exar Corporation XRP7618 Datasheet HTML 4Page - Exar Corporation XRP7618 Datasheet HTML 5Page - Exar Corporation XRP7618 Datasheet HTML 6Page - Exar Corporation XRP7618 Datasheet HTML 7Page - Exar Corporation XRP7618 Datasheet HTML 8Page - Exar Corporation XRP7618 Datasheet HTML 9Page - Exar Corporation XRP7618 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
X
XR
RP
P7
76
61
18
8
8
8--C
Ch
ha
an
nn
ne
ell C
Co
on
ns
stta
an
ntt C
Cu
urrrre
en
ntt L
Liin
ne
ea
arr L
LE
ED
D D
Drriiv
ve
err W
Wiitth
h
S
Sm
ma
arrtt T
Ta
allk
kTTM
M
© 2011 Exar Corporation
6/10
Rev. 1.0.0
THEORY OF OPERATION
The
XRP7618
is
an
eight
channel
programmable constant current LED driver
capable of up to 100mA per channel. A single
external resistor adjusts the current for each
channel over a 10mA to 100mA range with
tight matching between channels.
Dimming is supported through a standard
PWM scheme or through an analog signal.
Furthermore, the XRP7618 maximizes the
overall
system
efficiency
by
dynamically
reporting the minimum LED voltage necessary
to remain in current regulation mode when
used with a boost converter.
Multiple XRP7618s can be placed in parallel to
drive over 8 strings of LEDs; however, unused
channels should be tied to ground.
Built-in under voltage lock out, open LED and
over temperature protections insure safe
operations
under
abnormal
operating
conditions.
LED CHANNELS CURRENT SETTING
The maximum LED current can be set up to
100mA per channel through the ISET pin. To
set the reference current ISET, connect a
resistor RSET between this pin and ground. The
value of RSET can be calculated by the following
formula:
1.194
This reference current is multiplied internally
with a gain (K) of 400 then mirrored on all
enabled channels. This sets the maximum LED
current, referred to as 100% current (ILEDMAX).
The value can be calculated by the following
formula:
or,
1.194
400
1.194
The LED current can be reduced from 100%
by PWM dimming control.
PWM DIMMING CONTROL
The LED current can be adjusted by applying a
PWM signal to the PWM pin. In this mode, all
enabled channels are adjusted at the same
time and brightness is adjusted from 1% to
100% of ILEDMAX.
The supported external PWM signal frequency
is 100Hz to 25kHz.
ANALOG DIMMING CONTROL
Besides PWM dimming control, the LED
current can be controlled continuously (from
highest to lowest LED current) by raising the
voltage at the bottom of RSET from 0V
normally to 1V max, respectively. RSET value
may be determined as
1.194
400
where, 1.194V is a typical ISET pin voltage,
VMOD is an adjustment voltage applied to the
bottom side of RSET, 400 is the typical current
multiplication ratio, and ILEDMAX is the required
LED current per channel.
Fig. 10: XRP7618 Analog Dimming Control
If adjustment voltage VMOD isn’t used, RSET
resistor should be connected to ground.
SYSTEM POWER OPTIMIZATION
The Smart Talk feature enables XRP7618 to
maximize the overall system power efficiency,
when used with a step-up converter, by
dynamically
reporting
the
minimum
LED
channel voltage needed to maintain current
regulation mode. The XRP7618 samples the
voltage on each channel input and reports the
lowest voltage of all strings via the FB signal
to the associated step up converter.
If placed in shutdown through the EN pin or if
all channels are inactive, the XRP7618 outputs


Similar Part No. - XRP7618

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7618

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997_1108 EXAR-XRP2997_1108 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com