Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2526 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP2526
Description  Single/Dual Channel USB 3.0 Power Distribution Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2526 Datasheet(HTML) 1 Page - Exar Corporation

  XRP2526 Datasheet HTML 1Page - Exar Corporation XRP2526 Datasheet HTML 2Page - Exar Corporation XRP2526 Datasheet HTML 3Page - Exar Corporation XRP2526 Datasheet HTML 4Page - Exar Corporation XRP2526 Datasheet HTML 5Page - Exar Corporation XRP2526 Datasheet HTML 6Page - Exar Corporation XRP2526 Datasheet HTML 7Page - Exar Corporation XRP2526 Datasheet HTML 8Page - Exar Corporation XRP2526 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
X
XR
RP
P2
25
52
25
5 -- X
XR
RP
P2
25
52
26
6
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B 3
3..0
0 P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
July 2011
Rev. 1.1.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP2525 and XRP2526 devices are
respectively single and dual channel integrated
high-side power distribution switches with
independent enables and fault flags. A wide
1.8V to 5.5V input voltage range allows for
operations from industry standard 1.8V, 3.3V
and 5V power rails.
Optimized for USB VBUS power distribution, the
XRP2525 and XRP2526 are compliant with the
latest USB 3.0 specification and can be used in
any self or bus powered USB applications. The
power-switch rise and fall times are controlled
to minimize current surges during turn on/off.
The XRP2525 and XRP2526 are pin and
function compatible to respectively Exar’s
SP2525A and SP2526A.
Built-in over current, under voltage lockout
(UVLO), reverse current and over temperature
protections insure safe operations under
abnormal operating conditions.
XRP2525 and XRP2526 are offered in a RoHS
compliant “green”/halogen free 8-pin NSOIC
package.
APPLICATIONS
 Self Powered USB 2.0 and 3.0 Hubs
 USB Compliant VBUS Power Distribution
 Audio-Video Equipments
 Generic Power Switching
FEATURES
 Single/Dual Channel Current Switch
 900mA per channel capable
 1.15A Over-current Limit
 1.8V to 5.5V Input Voltage Range
 USB 2.0/3.0 Compliant
 Active High or Low Individual Enable
 Individual Channel Fault Flag Indicator
 Under voltage Lockout, Reverse
Current and Thermal Shutdown
Protection
 RoHS Compliant, Green/Halogen Free
8-Pin NSOIC Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP2526 Application Diagram


Similar Part No. - XRP2526

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527EVB EXAR-XRP2527EVB Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHB-1-F EXAR-XRP2527IHB-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
XRP2527IHBTR-1-F EXAR-XRP2527IHBTR-1-F Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
More results

Similar Description - XRP2526

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com