Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2527 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP2527
Description  Single/Dual Channel Adjustable Current Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2527 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP2527 Datasheet HTML 5Page - Exar Corporation XRP2527 Datasheet HTML 6Page - Exar Corporation XRP2527 Datasheet HTML 7Page - Exar Corporation XRP2527 Datasheet HTML 8Page - Exar Corporation XRP2527 Datasheet HTML 9Page - Exar Corporation XRP2527 Datasheet HTML 10Page - Exar Corporation XRP2527 Datasheet HTML 11Page - Exar Corporation XRP2527 Datasheet HTML 12Page - Exar Corporation XRP2527 Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
X
XR
RP
P2
25
52
27
7 -- X
XR
RP
P2
25
52
28
8
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt P
Po
ow
we
err
D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
10/13
Rev. 1.1.0
typ. A
108.7
kohm
Please note that the allowed values for RSET
resistor are 100kohm < RSET < 330kohm.
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout function (UVLO) keeps
the internal power switch from being turned
on until the power supply has reached at least
1.68V, even if the switch is enabled. Upon
detection
of
an
input
voltage
below
approximately 1.68V, the power switch is
turned off while a fault condition is reported by
the error flag signal.
THERMAL PROTECTION
Internal thermal sensing circuitry monitors the
operating temperature of the device for each
channel independently. Upon detection of a
temperature in excess of 135°C, the power
switch for the given channel is disabled
preventing any damages to the device while a
fault condition is reported by the error flag
signal. A built-in 10°C hysteresis allows the
device to cool down to 125°C before resuming
normal operations on the faulty channel at
which point the error flag signal is cleared.
TEST CIRCUIT


Similar Part No. - XRP2527

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525EVB EXAR-XRP2525EVB Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-1-F EXAR-XRP2525ID-1-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-2-F EXAR-XRP2525ID-2-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results

Similar Description - XRP2527

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Texas Instruments
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com