Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2527IHB-1-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP2527IHB-1-F
Description  Single/Dual Channel Adjustable Current Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2527IHB-1-F Datasheet(HTML) 4 Page - Exar Corporation

  XRP2527IHB-1-F Datasheet HTML 1Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 2Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 3Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 4Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 5Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 6Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 7Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 8Page - Exar Corporation XRP2527IHB-1-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
X
XR
RP
P2
25
52
27
7 -- X
XR
RP
P2
25
52
28
8
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt P
Po
ow
we
err
D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
4/13
Rev. 1.1.0
PIN ASSIGNMENT
Fig. 3: XRP2527/28 Pin Assignment
PIN DESCRIPTION – XRP2527
Name
Pin Number
Description
EN
1
Channel Enable Input
FLG
2
Error Flag Signal
Active low open drain output. Active on over-current, over-temperature or UVLO conditions.
GND
3
Ground Signal
NC
5,6
No Connect
IN
7
Voltage Input Pin
OUT
8
Voltage Output Pin
RSET
4
Current Limiting Threshold setting
RSET floating: USB 3.0 current limit settings
RSET tied to IN: USB 2.0 current limit settings
RSET tied to GND via resistor R: Adjustable current limit
PIN DESCRIPTION – XRP2528
Name
Pin Number
Description
ENX
1,4
Channel Enable Input
FLGX
2,3
Error Flag Signal
Active low open drain output. Active on over-current, over-temperature or UVLO conditions.
GND
8
Ground Signal
IN
9
Voltage Input Pin
OUTX
7,10
Voltage Output Pin
RSETX
5,6
Current Limiting Threshold setting
RSET floating: USB 3.0 current limit settings
RSET tied to IN: USB 2.0 current limit settings
RSET tied to GND via resistor R: Adjustable current limit
ORDERING INFORMATION
Part Number
Temperature Range Marking
Package
Packing Quantity
Note 1
Note 2
XRP2527IHB-1-F
-40°C≤TA≤+85°C
2527I
YYWW 1
X
TDFN8
Bulk
Lead Free and
Halogen Free
Single Channel
Active high
XRP2527IHBTR-1-F
2.5K/Tape & Reel
XRP2528IHB-1-F
-40°C≤TA≤+85°C
2528I
YYWW 1
X
TDFN10
Bulk
Lead Free and
Halogen Free
Dual Channel
Active high
XRP2528IHBTR-1-F
2.5K/Tape & Reel
XRP2527EVB
XRP2527 Evaluation Board
XRP2528EVB
XRP2528 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number
 
OUTA
GND
RSETA
ENA
FLGA
IN
1
2
3
4
9
7
8
10
XRP2528
TDFN-10L
3mm x 3mm
11
GND
5
ENB
FLGB
6
OUTB
RSETB


Similar Part No. - XRP2527IHB-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525EVB EXAR-XRP2525EVB Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-1-F EXAR-XRP2525ID-1-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-2-F EXAR-XRP2525ID-2-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results

Similar Description - XRP2527IHB-1-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Texas Instruments
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com