Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2527IHBTR-1-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP2527IHBTR-1-F
Description  Single/Dual Channel Adjustable Current Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2527IHBTR-1-F Datasheet(HTML) 1 Page - Exar Corporation

  XRP2527IHBTR-1-F Datasheet HTML 1Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 2Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 3Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 4Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 5Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 6Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 7Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 8Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
X
XR
RP
P2
25
52
27
7 -- X
XR
RP
P2
25
52
28
8
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt P
Po
ow
we
err
D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
July 2011
Rev. 1.1.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP2527 and XRP2528 devices are
respectively single and dual channel integrated
high-side power distribution switches with
independent enables, fault flags and precise
programmable current limit thresholds. A wide
1.8V to 5.5V input voltage range allows for
operations from industry standard 1.8V, 3.3V
and 5V power rails.
Current limit thresholds can be programmed
accurately and independently for each channel
via an external resistor. A simple setting
optimizes the XRP2527 and XRP2528 for use
in USB 2.0 or 3.0 compliant VBUS power
distribution architectures. These devices can
be used in any self or bus powered USB
applications. The power-switch rise and fall
times are controlled to minimize current
surges during turn on/off.
Built-in over current, under voltage lockout
(UVLO), reverse current and over temperature
protections insure safe operations under
abnormal operating conditions.
XRP2527
and
XRP2528
are
offered
respectively
in
RoHS
compliant
“green”/halogen free 3mm x 3mm 8-pin and
10-pin TDFN packages.
APPLICATIONS
 Generic Power Switching
 Self Powered USB 2.0 and 3.0 Hubs
 USB Compliant VBUS Power Distribution
 Audio-Video Equipments
FEATURES
 Single/Dual Channel Current Switch
 1A per channel capable
 1.8V to 5.5V Input Voltage Range
 Programmable Over-Current Limit
 300mA to 1A set via external resistor
 ±8% threshold accuracy at 1A
 USB 2.0/3.0 Compliant
 Individual Channel Enable
 Individual Channel Fault Flag Indicator
 Under voltage Lockout, Reverse
Current and Thermal Shutdown
Protection
 RoHS Compliant, Green/Halogen Free
8-Pin and 10-Pin TDFN Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP2528 Application Diagram


Similar Part No. - XRP2527IHBTR-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525EVB EXAR-XRP2525EVB Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-1-F EXAR-XRP2525ID-1-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-2-F EXAR-XRP2525ID-2-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results

Similar Description - XRP2527IHBTR-1-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Texas Instruments
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com