Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2527IHBTR-1-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP2527IHBTR-1-F
Description  Single/Dual Channel Adjustable Current Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2527IHBTR-1-F Datasheet(HTML) 2 Page - Exar Corporation

  XRP2527IHBTR-1-F Datasheet HTML 1Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 2Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 3Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 4Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 5Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 6Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 7Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 8Page - Exar Corporation XRP2527IHBTR-1-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
X
XR
RP
P2
25
52
27
7 -- X
XR
RP
P2
25
52
28
8
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt P
Po
ow
we
err
D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
2/13
Rev. 1.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VIN .......................................................... -0.3V to 7.0V
VEN, VFLG ............................................................... 7.0V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation ................................ Internally Limited
Lead Temperature (Soldering, 10 sec) ................... 300°C
ESD Rating (HBM - Human Body Model) .................... 2kV
ESD Rating (MM - Machine Model) ...........................200V
OPERATING RATINGS
Input Voltage Range VIN............................. 1.75V to 5.5V
Junction Temperature Range ....................-40°C to 125°C
Thermal Resistance θJA .................................................
TDFN-8L .................................................... 43.0°C/W
TDFN-10L .................................................. 40.5°C/W
ELECTRICAL SPECIFICATIONS
Specifications are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full Operating Junction
Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise indicated, VIN = 1.8V to 5.5V, CIN = 47µF//1 µF, COUT = 10µF, TJ = –40°C to 125°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Supply Voltage
1.8
5.5
V
Input Quiescent Current
80
150
µA
• XRP2528, (Both Channels enabled)
VIN=5V, IOUT1 = IOUT2 =0mA
Input Quiescent Current
52
100
µA
• XRP2527 and XRP2528 (1 Channel enabled)
VIN=5V, IOUT1 =0mA
Input Shutdown Current
3
µA
• VIN=5V, Channel(s) disabled
Maximum Output Current per
channel
1
A
• XRP2527 and XRP2528. RSET=100kΩ
Output Leakage Current
10
µA
VIN=5V, VOUT=0V, Each channel, Switch off
Reverse Leakage Current
10
µA
VIN=0V, VOUT=5V, Each channel, Switch off
Output MOSFET Resistance
80
140
mΩ
• IOUT=0.3A, Each channel
Output turn-on delay
1000
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-on rise time
2000
4000
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-off delay
10
20
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Output turn-off fall time
22
50
µs
VIN=5V, RL=10Ω, COUT=1µF, each output
Current limit threshold
0.90
1.15
1.4
A
• VIN – VOUT =0.3V, RSET floating, USB 3.0
0.68
0.85
1.02
A
• VIN – VOUT =0.3V, RSET tied to VIN, USB 2.0
Current limit threshold range
0.3
1
A
Current limit threshold accuracy
1
1.087
1.174
A
• RSET=100kΩ for ILIM(min)=1A, VIN-VOUT=0.3V
Short Circuit Current Limit
0.66xILIM
A
VOUT =0V
Output Voltage Short Circuit
Detect Threshold
925
mV
Device operates in short circuit current limit mode
when output voltage is below the threshold.
Safe Operating Area (SOA)
Current Limit
3
A
Over temperature shutdown
threshold
135
°C
Temperature rising
Over temperature shutdown
threshold hysteresis
10
°C
Temperature decreasing
Under-voltage lockout threshold
1.55
1.68
1.75
V
VIN rising or falling
Under-voltage lockout hysteresis
50
mV
FLG output logic low voltage
100
250
mV
IFLG=10mA, VIN=5.5V
FLG output high leakage
1
µA


Similar Part No. - XRP2527IHBTR-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525EVB EXAR-XRP2525EVB Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-1-F EXAR-XRP2525ID-1-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-2-F EXAR-XRP2525ID-2-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results

Similar Description - XRP2527IHBTR-1-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Texas Instruments
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com