Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2528IHB-1-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP2528IHB-1-F
Description  Single/Dual Channel Adjustable Current Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2528IHB-1-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRP2528IHB-1-F Datasheet HTML 5Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 6Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 7Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 8Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 9Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 10Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 11Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 12Page - Exar Corporation XRP2528IHB-1-F Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X
XR
RP
P2
25
52
27
7 -- X
XR
RP
P2
25
52
28
8
S
Siin
ng
glle
e/
/D
Du
ua
all C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt P
Po
ow
we
err
D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
9/13
Rev. 1.1.0
Fig. 28: Current Limit Operation (XRP2527):
VIN=5V, Rload = 10Ω, RSET = 330kΩ
THEORY OF OPERATION
The XRP2527 and XRP2528 devices are
respectively single and dual channel integrated
high-side power distribution switches with
programmable current limit threshold feature.
They can be used in any self or bus powered
USB applications and are compliant with the
latest USB 3.0 specifications. The reverse
current protection feature prevents current to
flow from OUT to IN when the device is
disabled.
INPUT & OUTPUT
Placing bulk capacitances of at least 47μF and
10μF at the input and output pins respectively
reduces power supply transients under heavy
current load conditions.
It is important to place a 1μF ceramic bypass
capacitor from IN to GND as close as possible
to the device in order to control supply
transients.
Furthermore, bypassing the output pin with a
0.1μF to 1μF ceramic capacitor improves the
device response to short-circuit transients.
ERROR FLAG
The error flag signal (FLGX output pin) is an
open-drain output and is pulled low (active
low)
upon
detection
of
the
following
conditions:
Over-current condition
Over-temperature condition
Under voltage lockout condition
Over-temperature and under voltage lockout
conditions are flagged immediately while the
output over – current condition is reported if
continuously persistent for longer than the
blanking time of 10ms. The blanking time
prevents erroneous reporting of current faults
due to brief output current spikes.
Once activated, the error flag signal remains
low until all fault conditions have been
removed
and
is
independent
for
each
individual channel.
CURRENT LIMIT
The current limit feature protects the output
MOSFET switches from damages resulting
from undesirable short circuit conditions or
excess
inrush
current,
which
is
often
encountered
during
hot
plug-in.
Upon
detection of overcurrent condition, the output
current is limited to a constant current limit
threshold value and the output voltage is
reduced accordingly. Triggering the current
limit function is signaled by the Error Flag
after 10ms of blanking time period.
The minimum current limit threshold can be
programmed from 300mA to 1A set via an
external resistor at the RSET pin. If RSET pin
is left floating, then the device is set to USB
3.0 current limit setting. For USB 2.0 current
limit setting, the RSET pin must be tied to
VIN. The current limit threshold value is set
using the resistor at RSET pin by the following
equation:


Similar Part No. - XRP2528IHB-1-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2524EVB EXAR-XRP2524EVB Datasheet
735Kb / 10P
   1ADual Channel USB 3 .0 Power Distribution Switch
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525EVB EXAR-XRP2525EVB Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-1-F EXAR-XRP2525ID-1-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
XRP2525ID-2-F EXAR-XRP2525ID-2-F Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results

Similar Description - XRP2528IHB-1-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Texas Instruments
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com