Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-320H-42 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-320H-42
Description  320W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-320H-42 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HLG-320H-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-320H-42 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
50%
60%
70%
80%
90%
100%
277VAC
230VAC
115VAC
(320W)
7 5
7 7
7 9
8 1
8 3
8 5
8 7
8 9
9 1
9 3
9 5
9 7
1 0 %
2 0 %
3 0 %
4 0 %
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V A C
2 3 0 V A C
1 1 5 V A C
320WSingleOutputSwitchingPowerSupply
H L G - 3 2 0 H series
FileName:HLG-320H-SPEC2011-09-13
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
TypicalLEDpowersupplyI-Vcurve
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
100
50
50
95
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
PowerFactorCharacteristic
EFFICIENCY vsLOAD(48VModel)
LOAD
ConstantCurrentMode
HLG-320Hseriespossesssuperiorworkingefficiencythatupto95%canbereachedinfieldapplications.
LOAD


Similar Part No. - HLG-320H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H-42 MEANWELL-HLG-320H-42 Datasheet
461Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-42 MEANWELL-HLG-320H-42 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-42 MEANWELL-HLG-320H-42 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-42A MEANWELL-HLG-320H-42A Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-42B MEANWELL-HLG-320H-42B Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
More results

Similar Description - HLG-320H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H MEANWELL-HLG-320H_12 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
S-320 MEANWELL-S-320 Datasheet
243Kb / 2P
   320W Single Output Switching Power Supply
HLG-320H MEANWELL-HLG-320H Datasheet
461Kb / 7P
   320W Single Output Switching Power Supply
HEP-320 MEANWELL-HEP-320 Datasheet
94Kb / 4P
   320W Single Output Switching Power Supply
HLG-320H_1111 MEANWELL-HLG-320H_1111 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
logo
Astrodyne Corporation
AS-320 ASTRODYNE-AS-320 Datasheet
322Kb / 2P
   320W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HVGC-320 MEANWELL-HVGC-320 Datasheet
132Kb / 6P
   320W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com