Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLN-40H Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLN-40H
Description  40W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLN-40H Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLN-40H Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLN-40H Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLN-40H Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLN-40H Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLN-40H Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
70
72
74
76
78
80
82
84
86
88
90
92
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
277VAC
230VAC
115VAC
0 .8 5
0 .8 6
0 .8 7
0 .8 8
0 .8 9
0 .9
0 .9 1
0 .9 2
0 .9 3
0 .9 4
0 .9 5
0 .9 6
0 .9 7
0 .9 8
0 .9 9
1
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V A C
2 3 0 V A C
1 1 5 V A C
230VAC
Inputonly
AMBIENTTEMPERATURE( )
-40
-25
0
-10
15
30
40
50
60
20
40
60
80
100
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
HLN-40Hseriespossesssuperiorworkingefficiencythatupto89%canbereachedinfieldapplications.
EFFICIENCY vsLOAD(48VModel)
PowerFactorCharacteristic
LOAD
LOAD
ConstantCurrentMode
(40W)
40WSingleOutputSwitchingPowerSupply
H L N - 4 0 H series
FileName:HLN-40H-SPEC 2011-10-18


Similar Part No. - HLN-40H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLN-40H-12 MEANWELL-HLN-40H-12 Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLN-40H-12 MEANWELL-HLN-40H-12 Datasheet
344Kb / 5P
   40W Single Output Switching Power Supply
HLN-40H-15 MEANWELL-HLN-40H-15 Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLN-40H-15 MEANWELL-HLN-40H-15 Datasheet
344Kb / 5P
   40W Single Output Switching Power Supply
More results

Similar Description - HLN-40H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com