Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLP-40H Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLP-40H
Description  40W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLP-40H Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLP-40H Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLP-40H Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLP-40H Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLP-40H Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentiometerorthroughoutputcable
1500ms,80ms/115VAC
0ms,80ms/230VACatfullload
atfullload100
16ms/230VAC16ms/115VACatfullload
90~305VAC127~431VDC
47~63Hz
PF>0.97/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
0.43A /115VAC0.24A /230VAC0.23A /277VAC
COLDSTART 70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
287.9Khrsmin.MIL-HDBK-217F(25
)
147*53*27mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.2Kg;72pcs/15.4Kg/1.09CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
40WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function, PF>0.95
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Output constant current level adjustable
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for built in LED lighting system
3 years warranty
Suitable for dry / damp location
100% full load burn-in test
Features :
H L P - 4 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
85
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
87%
87%
88%
88%
88.5%
89%
89.5%
89%
89.5%
2.5%
2~3.33A
2.0%
1.6~2.67A
1.0%
1.2~2A
1.0%
1~1.67A
1.0%
0.8~1.34A
1.0%
0.67~1.12A
1.0%
0.5~0.84A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.45~0.75A
0.5%
0.5%
1.0%
0.58~0.96A
0.5%
0.5%
12V
HLP-40H-12 HLP-40H-15 HLP-40H-20 HLP-40H-24 HLP-40H-30 HLP-40H-36 HLP-40H-42 HLP-40H-48 HLP-40H-54
7.2~12V
15V
9~15V
20V
12~20V
24V
14.4~24V
30V
18~30V
36V
21.6~36V
48V
28.8~48V
3.33A
2.67A
2A
1.67A
1.34A
1.12A
0.84A
40W
40W
40W
40.1W
40.2W
40.3W
40.3W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
300mVp-p
44~53V
10.8~13.5V
54V
32.4~54V
0.75A
40.5W
300mVp-p
49~58V
42V
25.2~42V
0.96A
40.3W
300mVp-p
40~46V
17.5~30V
18~24V
23~30V
28~35V
35~43V
41~49V
48~58V
59~68V
54~63V
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
EMCIMMUNITY
EMCEMISSION
SELV
M
M
( except for 48V,54V )
( for 48V,54V only)
FileName:HLP-40H-SPEC2011-08-31
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V),EN61347-1,EN61347-2-13approved;
DesignrefertoUL60950-1, TUVEN60950-1,EN60335-1


Similar Part No. - HLP-40H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-40H MEANWELL-HLP-40H Datasheet
341Kb / 4P
   40W Single Output Switching Power Supply
HLP-40H-12 MEANWELL-HLP-40H-12 Datasheet
341Kb / 4P
   40W Single Output Switching Power Supply
HLP-40H-12 MEANWELL-HLP-40H-12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLP-40H-15 MEANWELL-HLP-40H-15 Datasheet
341Kb / 4P
   40W Single Output Switching Power Supply
HLP-40H-15 MEANWELL-HLP-40H-15 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
More results

Similar Description - HLP-40H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com