Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRV05-4L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SRV05-4L
Description  5 Volts ESD Protection Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SRV05-4L Datasheet(HTML) 1 Page - Micro Commercial Components

  SRV05-4L Datasheet HTML 1Page - Micro Commercial Components SRV05-4L Datasheet HTML 2Page - Micro Commercial Components SRV05-4L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
SRV05-4L
5 Volts
ESD Protection
Features
Maximum Ratings
Operating Junction &StorageTemperature: -55
°C to +150°C
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f8
KV
IEC61000-4-4 (EFT): @ 5/50ns
40
A
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
PinConfiguration
J
M
A
C
B
G
H
K
D
L
Device
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.013
.020
0.35
0.50
B
.060
.066
1.52
1.68
C
.106
.114
2.70
2.90
D
.037
0.95BSC
H
.111
.117
2.82
2.98
K
.035
.051
0.90
1.30
L
.013
.021
0.35
0.55
M
.00
3
.0
08
0.
08
0.22
SOT23-6L
G
.074
1.90BSC
J
.002
.006
0.05
0.15
Revision:
A
2011/01/01
Small package saves board space
Protects four(4) I/O lines
Low clamping voltage
Low capacitance: 1.5pF
ESD protection to over 8kV contact discharge
Can handle multiple ESD strikes
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SRV05-4L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SRV05-4L MCC-SRV05-4L Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
logo
Unisonic Technologies
SRV05-4L-AG6-R UTC-SRV05-4L-AG6-R Datasheet
124Kb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
Protek Devices
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC_12 Datasheet
551Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
logo
Micro Commercial Compon...
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
More results

Similar Description - SRV05-4L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0K5 MCC-ESD5V0K5_11 Datasheet
408Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5_11 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device
SRV05-4 MCC-SRV05-4 Datasheet
183Kb / 3P
   5 Volts ESD Protection Device
ESD5V0K5 MCC-ESD5V0K5 Datasheet
335Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
ESDLC5V0L4 MCC-ESDLC5V0L4 Datasheet
477Kb / 3P
   5 Volts ESD Protection Device Excellent clamping capability
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
ESD12VK4 MCC-ESD12VK4 Datasheet
465Kb / 4P
   12 Volts ESD Protection Device
ESD5V0J4 MCC-ESD5V0J4 Datasheet
219Kb / 4P
   5 Volts ESD Protection Devices
ESD5V0L4 MCC-ESD5V0L4 Datasheet
250Kb / 4P
   5 Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com