Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-0305SH30-FZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1L-0305SH30-FZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0305SH30-FZ Datasheet(HTML) 2 Page - AIMTEC

  AM1L-0305SH30-FZ Datasheet HTML 1Page - AIMTEC AM1L-0305SH30-FZ Datasheet HTML 2Page - AIMTEC AM1L-0305SH30-FZ Datasheet HTML 3Page - AIMTEC AM1L-0305SH30-FZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1L-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 4
North America only
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM1L-0505D-FZ
4.5-5.5
±5
±100
1000
71
AM1L-0509D-FZ
4.5-5.5
±9
±56
1000
78
AM1L-0512D-FZ
4.5-5.5
±12
±42
1000
78
AM1L-0515D-FZ
4.5-5.5
±15
±34
1000
81
AM1L-1205D-FZ
10.8-13.2
±5
±100
1000
73
AM1L-1209D-FZ
10.8-13.2
±9
±56
1000
79
AM1L-1212D-FZ
10.8-13.2
±12
±42
1000
81
AM1L-1215D-FZ
10.8-13.2
±15
±34
1000
83
AM1L-2403D-FZ
21.6-26.4
±3.3
±100
1000
66
AM1L-2405D-FZ
21.6-26.4
±5
±100
1000
76
AM1L-2409D-FZ
21.6-26.4
±9
±56
1000
78
AM1L-2412D-FZ
21.6-26.4
±12
±42
1000
80
AM1L-2415D-FZ
21.6-26.4
±15
±34
1000
75
AM1L-0505DH30-FZ
4.5-5.5
±5
±100
3000
71
AM1L-0509DH30-FZ
4.5-5.5
±9
±56
3000
78
AM1L-0512DH30-FZ
4.5-5.5
±12
±42
3000
78
AM1L-0515DH30-FZ
4.5-5.5
±15
±34
3000
81
AM1L-1205DH30-FZ
10.8-13.2
±5
±100
3000
73
AM1L-1209DH30-FZ
10.8-13.2
±9
±56
3000
79
AM1L-1212DH30-FZ
10.8-13.2
±12
±42
3000
81
AM1L-1215DH30-FZ
10.8-13.2
±15
±34
3000
83
AM1L-2403DH30-FZ
21.6-26.4
±3.3
±100
3000
66
AM1L-2405DH30-FZ
21.6-26.4
±5
±100
3000
76
AM1L-2409DH30-FZ
21.6-26.4
±9
±56
3000
78
AM1L-2412DH30-FZ
21.6-26.4
±12
±42
3000
80
AM1L-2415DH30-FZ
21.6-26.4
±15
±34
3000
75
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
3.3
3.0-3.6
VDC
5
4.5-5.5
12
10.8-13.2
24
22.4-26.4
Filter
Capacitor
Start up time
ms
Absolute Maximum Rating
3.3V input models
-0.7 to 5
VDC
5V input models
-0.7 to 7.5
12V input models
-0.7 to 15
24V input models
-0.7 to 30
No Load Input Current
15
28
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec
1000,3000
VDC
Resistance
500VDC
1000
MOhm
Capacitance
3.3V input model
16
pF
5V input model
14/15(minimum 8)
12V input model
18(minimum 6/7)
24V input model
20(minimum 8)


Similar Part No. - AM1L-0305SH30-FZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0305SH30-N ETC-AM1L-0305SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0305SH30-N AIMTEC-AM1L-0305SH30-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0305SH30-N AIMTEC-AM1L-0305SH30-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0305SH30-N AIMTEC-AM1L-0305SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Similar Description - AM1L-0305SH30-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com