Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1DS-0512DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1DS-0512DZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DS-0512DZ Datasheet(HTML) 2 Page - AIMTEC

  AM1DS-0512DZ Datasheet HTML 1Page - AIMTEC AM1DS-0512DZ Datasheet HTML 2Page - AIMTEC AM1DS-0512DZ Datasheet HTML 3Page - AIMTEC AM1DS-0512DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1DS-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 4
North America only
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1DS-0505DZ
4.5-5.5
±5
±100
1000
70
AM1DS-0512DZ
4.5-5.5
±12
±42
1000
71
AM1DS-0515DZ
4.5-5.5
±15
±33
1000
71
AM1DS-1205DZ
10.8-13.2
±5
±100
1000
73
AM1DS-1212DZ
10.8-13.2
±12
±42
1000
76
AM1DS-1215DZ
10.8-13.2
±15
±33
1000
76
AM1DS-2405DZ
21.6-26.4
±5
±100
1000
72
AM1DS-2412DZ
21.6-26.4
±12
±42
1000
74
AM1DS-2415DZ
21.6-26.4
±15
±33
1000
76
AM1DS-0505DH30Z
4.5-5.5
±5
±100
3000
70
AM1DS-0512DH30Z
4.5-5.5
±12
±42
3000
71
AM1DS-0515DH30Z
4.5-5.5
±15
±33
3000
71
AM1DS-1205DH30Z
10.8-13.2
±5
±100
3000
73
AM1DS-1212DH30Z
10.8-13.2
±12
±42
3000
76
AM1DS-1215DH30Z
10.8-13.2
±15
±33
3000
76
AM1DS-2405DH30Z
21.6-26.4
±5
±100
3000
72
AM1DS-2412DH30Z
21.6-26.4
±12
±42
3000
74
AM1DS-2415DH30Z
21.6-26.4
±15
±33
3000
76
AM1DS-0505DH40Z
4.5-5.5
±5
±100
4000
70
AM1DS-0512DH40Z
4.5-5.5
±12
±42
4000
71
AM1DS-0515DH40Z
4.5-5.5
±15
±33
4000
71
AM1DS-1205DH40Z
10.8-13.2
±5
±100
4000
73
AM1DS-1212DH40Z
10.8-13.2
±12
±42
4000
76
AM1DS-1215DH40Z
10.8-13.2
±15
±33
4000
76
AM1DS-2405DH40Z
21.6-26.4
±5
±100
4000
72
AM1DS-2412DH40Z
21.6-26.4
±12
±42
4000
74
AM1DS-2415DH40Z
21.6-26.4
±15
±33
4000
76
AM1DS-0505DH52Z
4.5-5.5
±5
±100
5200
70
AM1DS-0512DH52Z
4.5-5.5
±12
±42
5200
71
AM1DS-0515DH52Z
4.5-5.5
±15
±33
5200
71
AM1DS-1205DH52Z
10.8-13.2
±5
±100
5200
73
AM1DS-1212DH52Z
10.8-13.2
±12
±42
5200
76
AM1DS-1215DH52Z
10.8-13.2
±15
±33
5200
76
AM1DS-2405DH52Z
21.6-26.4
±5
±100
5200
72
AM1DS-2412DH52Z
21.6-26.4
±12
±42
5200
74
AM1DS-2415DH52Z
21.6-26.4
±15
±33
5200
76
AM1DS-0505DH60Z
4.5-5.5
±5
±100
6000
70
AM1DS-0512DH60Z
4.5-5.5
±12
±42
6000
71
AM1DS-0515DH60Z
4.5-5.5
±15
±33
6000
71
AM1DS-1205DH60Z
10.8-13.2
±5
±100
6000
73
AM1DS-1212DH60Z
10.8-13.2
±12
±42
6000
76
AM1DS-1215DH60Z
10.8-13.2
±15
±33
6000
76
AM1DS-2405DH60Z
21.6-26.4
±5
±100
6000
72
AM1DS-2412DH60Z
21.6-26.4
±12
±42
6000
74
AM1DS-2415DH60Z
21.6-26.4
±15
±33
6000
76
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.


Similar Part No. - AM1DS-0512DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DS-0512DZ AIMTEC-AM1DS-0512DZ Datasheet
268Kb / 4P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1DS-0512DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com