Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEGR15-5030KZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEGR15-5030KZ
Description  up to 350mA | AC-DC LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEGR15-5030KZ Datasheet(HTML) 1 Page - AIMTEC

  AMEGR15-5030KZ Datasheet HTML 1Page - AIMTEC AMEGR15-5030KZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AMEGR11/15-KZ
up to 350mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R1.B
1 of 2
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W)
*
Output Voltage
Range (V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMEGR11-3630KZ
12.6
15-36
325 ±25
90-264/47-63
75
AMEGR15-5030KZ
17.5
25-50
325 ±25
90-264/47-63
75
* Exceeding the maximum output power will permanently damage the converter
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
90-264
VAC
Inrush current <2ms
115V
10
A
230V
20
Leakage current
0.25
mA
AC current
115V
0.1
A
230V
0.06
No-load consumption
2
W
External fuse
250V/1.5A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±10
%
Line regulation
LL-HL
±5
%
Load regulation
30V to 100% load
±10
%
Ripple & Noise
100
mV p-p
Hold-up time (min)
4
8
ms
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
5mA/60Sec
3000
VAC
Input FG
1500
VAC
Isolation resistance
>50
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over current protection
120
%
Over voltage protection
Zener Diode clamp
Short circuit protection
Continuous
Short Circuit restart
Auto-Recovery
Operating temperature *
-30 to +55
oC
Maximum case temperature
90
oC
• AC-DC Constant Current LED Driver
• Waterproof IP67 case
• Universal Input: 90-264VAC, 47-63Hz
• Over current protection
• Short circuit protection
• Over voltage protection
• RoHS compliant
• Low output ripple


Similar Part No. - AMEGR15-5030KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEGR17-2470KZ AIMTEC-AMEGR17-2470KZ Datasheet
247Kb / 2P
   700mA | AC-DC LED driver
AMEGR17-KZ AIMTEC-AMEGR17-KZ Datasheet
247Kb / 2P
   700mA | AC-DC LED driver
More results

Similar Description - AMEGR15-5030KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEGR8-KZ-C1 AIMTEC-AMEGR8-KZ-C1 Datasheet
244Kb / 2P
   up to 350mA | AC-DC LED Driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com