Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR3-0470KZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR3-0470KZ
Description  up to 700mA | AC-DC LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR3-0470KZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR3-0470KZ Datasheet HTML 1Page - AIMTEC AMEPR3-0470KZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AMEPR3/4-KZ
up to 700mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R1.D
1 of 2
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W) *
Output Voltage
Range (V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMEPR4-1230KZ
4
2 - 12
300 ±30
90-264/ 47-63
60
AMEPR3-0470KZ
2.9
2 - 4
700 ±30
90-264/ 47-63
60
* Exceeding the maximum output power will permanently damage the converter
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
90-264
VAC
Inrush current <2ms
115V
10
A
220V
20
Leakage current
230V
0.25
mA
AC current
115V
0.01
A
220V
0.03
No-load consumption
0.7
W
External fuse
250V/1.5A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±10
%
Line regulation
LL-HL
±5
%
Load regulation
2V to 100% load
±10
%
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Hold-up time (min)
100% load
3
5
ms
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
5mA/60s
1500
VAC
Input FG
1500
VAC
Output FG
1500
VAC
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over current protection
115
%
Over voltage protection
Zener Diode Clamp
Short circuit protection
Auto-Recovery
Operating temperature *
-30 to +55
oC
Temperature Rise
25
oC
Storage temperature
-40 to +80
oC
Temperature coefficient
0.05
% /
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
ABS (Acrylonitrile-Butadiene-Styrene Co-polymers)
• AC-DC Constant Current LED Driver
• Waterproof IP67
• Universal Input: 90-264VAC, 47-63Hz
• Over current protection
• Short circuit protection
• Over voltage protection
• RoHS compliant
• Low output Ripple


Similar Part No. - AMEPR3-0470KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30-12250AZ AIMTEC-AMEPR30-12250AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR30-12250AZ AIMTEC-AMEPR30-12250AZ Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-12250AZ AIMTEC-AMEPR30-12250AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-24140AZ AIMTEC-AMEPR30-24140AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR30-24140AZ AIMTEC-AMEPR30-24140AZ Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Similar Description - AMEPR3-0470KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
AMEPR30NC-4250Z AIMTEC-AMEPR30NC-4250Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
AMEPR30N-4250Z AIMTEC-AMEPR30N-4250Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEGR8-1270KZ AIMTEC-AMEGR8-1270KZ Datasheet
247Kb / 2P
   700mA | AC-DC LED driver
AMEGR25-KZ-C1 AIMTEC-AMEGR25-KZ-C1 Datasheet
205Kb / 2P
   700mA | AC-DC LED driver
AMER63-KZ AIMTEC-AMER63-KZ Datasheet
248Kb / 2P
   700mA | AC-DC LED driver
AMEGR25-3670KZ AIMTEC-AMEGR25-3670KZ Datasheet
205Kb / 2P
   700mA | AC-DC LED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com