Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL20-524DMAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL20-524DMAZ
Description  20 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL20-524DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL20-524DMAZ Datasheet HTML 1Page - AIMTEC AMEL20-524DMAZ Datasheet HTML 2Page - AIMTEC AMEL20-524DMAZ Datasheet HTML 3Page - AIMTEC AMEL20-524DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEL20-MAZ
20 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage (W)
Output
Voltage(V)
Output
Current max
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL20-3.3SMAZ
90-264/47-440
120-370
13.2
3.3
4
5600
74
AMEL20-5SMAZ
90-264/47-440
120-370
20
5
4
4700
78
AMEL20-12SMAZ
90-264/47-440
120-370
20
12
1.66
3300
82
AMEL20-15SMAZ
90-264/47-440
120-370
20
15
1.33
2200
82
AMEL20-24SMAZ
90-264/47-440
120-370
20
24
0.84
1000
82
Models
Asymmetric Dual output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage (W)
Output
Voltage
(V)
Rated
Output
Current (A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL20-3.35DMAZ
90-264/47-440
120-370
17.5
3.3/5
1.4/2.5
1000
75
AMEL20-3.312DMAZ
90-264/47-440
120-370
18
3.3/12
1.4/1.1
1000
78
AMEL20-3.315DMAZ
90-264/47-440
120-370
18
3.3/15
1.4/0.89
1000
77
AMEL20-3.324DMAZ
90-264/47-440
120-370
18
3.3/24
1.4/0.55
1000
76
AMEL20-512DMAZ
90-264/47-440
120-370
18
5/12
1.6/0. 83
680
76
AMEL20-515DMAZ
90-264/47-440
120-370
18
5/15
1.6/0.66
680
78
AMEL20-524DMAZ
90-264/47-440
120-370
18
5/24
1.6/0.46
680
76
AMEL20-1215DMAZ
90-264/47-440
120-370
18
12/15
0.66/0.66
560
77
AMEL20-1224DMAZ
90-264/47-440
120-370
18
12/24
0.58/0. 42
560
79
AMEL20-1524DMAZ
90-264/47-440
120-370
18
15/24
0.54/0. 42
560
80
AMEL20-3.3N5DMAZ
90-264/47-440
120-370
14.8
-3.3/5
-0.7/2.5
680
75
AMEL20-3.3N12DMAZ
90-264/47-440
120-370
18
-3.3/12
-1.4/1.1
680
76
AMEL20-3.3N15DMAZ
90-264/47-440
120-370
18
-3.3/15
-1.4/0.89
680
76
AMEL20-5N5DMAZ
90-264/47-440
120-370
14
-5/5
-0.8/2
680
75
AMEL20-5N12DMAZ
90-264/47-440
120-370
18
-5/12
-1.6/0. 83
470
75
AMEL20-5N15DMAZ
90-264/47-440
120-370
18
-5/15
-1.6/0.66
470
75
AMEL20-12N12DMAZ
90-264/47-440
120-370
18
-12/12
-0.66/0.83
470
77
AMEL20-12N15DMAZ
90-264/47-440
120-370
18
-12/15
-0.66/0.66
330
76
*Output power must not exceed the listed values.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
0.46
A
230VAC
0.29
A
Inrush current <2ms (cold start)
115VAC
10
A
230VAC
20
A
Leakage current
0.25
mA
External fuse
slow blow type
1.5
A
• I/O Isolation 4000VAC
• Energy Star compliant
• Operating Temp: -40
oC to +80 oC
• Ultra small package
• Over load, Over Voltage, Short Circuit Protection • Soft start
• Up to 82% efficiency
CB


Similar Part No. - AMEL20-524DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-524DMAZ AIMTEC-AMEL20-524DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-524DMAZ AIMTEC-AMEL20-524DMAZ Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL20-524DMAZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com