Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR60-50120AZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEPR60-50120AZ
Description  up to 5A | AC-DC LED driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-50120AZ Datasheet(HTML) 4 Page - AIMTEC

  AMEPR60-50120AZ Datasheet HTML 1Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 2Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 3Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 4Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 5Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 6Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 7Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 8Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
4 of 11
North America only
Efficiency Vs. Input Voltage & Output Current (Constant current load)
AMEPR60-50120AZ
AMEPR60-36170AZ


Similar Part No. - AMEPR60-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR60-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ Datasheet
900Kb / 9P
   up to 5A | AC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ Datasheet
477Kb / 11P
   up to 5A | AC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com