Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER45-30150KZ-C1 Datasheet(PDF) 2 Page - AIMTEC

Part # AMER45-30150KZ-C1
Description  up to2000mA | AC-DC LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER45-30150KZ-C1 Datasheet(HTML) 2 Page - AIMTEC

  AMER45-30150KZ-C1 Datasheet HTML 1Page - AIMTEC AMER45-30150KZ-C1 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series AMER45/54/60-KZ
up to2000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R1.C
2 of 2
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Temperature coefficient
0.05
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum
Potting
White epoxy (IP67 rated)
Wires
UL1015 18AWG *20CM
Weight
750
g
Dimensions (L X H X W)
5.90 x 2.68 x 1.97 inches
150.00 x 68.00 x 50.00 mm
MTBF
50,000 hrs (MIL-HDBK-217 F at +25
oC)
* NOTE: Converters do not have Over Temperature Protection and will be damaged if their maximum case temperature is
exceeded.
Safety Specifications
Parameters
Agency approvals
CE
Standards
GB195110.1-2004/IEC61347-1:2003, EN55015, EN61000, EN61547
Dimensions
Side View
150.00
(5.90)
120.00
(4.72)
15.00
(0.59)
136.00
(5.35)
Top View
4.00
(0.16)
200.00
(8.00)
Output Wires are 18AWG at 20cm
200.00
(8.00)
Input Wires are 18 AWG at 20cm
15.00
(0.59)
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMER45-30150KZ-C1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMER4-KZ AIMTEC-AMER4-KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMER40-4275Z AIMTEC-AMER40-4275Z Datasheet
421Kb / 4P
   up to 900mA | AC-DC LED driver
AMER40-4275Z AIMTEC-AMER40-4275Z Datasheet
421Kb / 4P
   up to 900mA | AC-DC LED driver
AMER40-4290Z AIMTEC-AMER40-4290Z Datasheet
421Kb / 4P
   up to 900mA | AC-DC LED driver
More results

Similar Description - AMER45-30150KZ-C1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEGR30-KZ-C1 AIMTEC-AMEGR30-KZ-C1 Datasheet
211Kb / 2P
   up to1000mA | AC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com