Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6531D Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 71M6531D
Description  Energy Meter IC
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6531D Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 71M6531D_10 Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6531D_10 Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
8
© 2005-2010 TERIDIAN Semiconductor Corporation
v1.3
Figure 1: 71M6531D/F IC Functional Block Diagram
∆Σ ADC
CONVERTER
VREF
ADC_E
MUX
XIN
XOUT
VREF
DIO1/OPT_RX
RESET
V1
UART2--OPTICAL
UART1
TX
RX
4
COM0...3
LCD DISPLAY
DRIVER
DIGITAL I/O
RTCLK (32KHz)
CE_E
RTM_E
POWER FAULT
LCD_E
LCD_CLK
LCD_MODE
DIO
GNDD
V3P3A
V3P3D
VBAT
VOLT
REG
2.5V to logic
V2P5
SUM_CYCLES
PRE_SAMPS
EQU
TMUXOUT
FAULTZ
TMUX[4:0]
GNDA
VBIAS
OSC
(32KHz)
MCK
PLL
VREF
VREF_DIS
TEST
TEST
MODE
DIO_R
DIO_DIR
E_RXTX
OPT_TXE
RTC
VBIAS
ICE_E
VREF_CAL
RTM_0..3
CE_LCTN
PLS_MAXWIDTH
PLS_INTERVAL
PLS_INV
OPT_TXINV
OPT_TXMOD
OPT_FDC
OPT_RXINV
OPT_RXDIS
LCD_BLKMAP
LCD_SEG
LCD_Y
SLEEP
LCD_ONLY
V3P3SYS
TEST
MUX
VBAT
CE_PROG
CK_CE
CK_MPU
VADC
CE
MULTI-
PURPOSE
IO
MUX_DIV
MUX_ALT
EQU
RTM
RPULSE
WPULSE
COM0..3
SEG...
DIO...
to TMUX
SPI SLAVE
PCMD
EEPROM
EECTRL
FLASH
128KB/
256KB
XRAM
4kB
CE_DATA
PCSZ
PCLK
PSI
PSO
SDATA
SCLK
EEDATA
OPT_TX
OPT_RX
PB
PB
IRAM
256B
MPU
EMULATOR
(ICE)
E_TCLK
E_RSTZ
DIO2/OPT_TX/WPULSE/RPULSE
SEG7/MUX_SYNC
SEG8
SEG9/E_RXTX
SEG10/E_TCLK
SEG11/E_RST
SEG12
SEG13
SEG14
SEG16
SEG15
SEG17
DIO4/SEG24/SDCK
DIO5/SEG25/SDATA
DIO6/SEG26/WPULSE
DIO7/SEG27/RPULSE
DIO10/SEG30
4
XRAM BUS
8
IRAM BUS
16
32
22
CKTEST
DIO_PV
DIO_PW
CKOUT_E
MUX_SYNC_E
SPE
DIO_EEX
OPT_TXE
ICE_E
CKOUT_E
SEG0
SEG1
SEG2
SEG3/PCLK
SEG4/PSDO
SEG5/PCSZ
SEG6/PSDI
FIR
FIR_LEN
VA
IB
VB
IA
DIO12/SEG32
DIO11/SEG31
XPULSE
YPULSE
DIO_PX
DIO_PY
DIO8/SEG28/XPULSE
DIO9/SEG29/YPULSE
SEG18
SEG19/CKTEST
DIO44/SEG64
DIO43/SEG63
DIO29/SEG49
DIO28/SEG48
DIO13/SEG33
DIO14/SEG34
DIO15/SEG35
DIO46/SEG66
DIO45/SEG65
DIO17/SEG37
LCD_DAC
RTCA_ADJ
PREG
QREG
RST_SUBSEC
RTC_SEC
RTC_MIN
RTC_HR
RTC_DAY
RTC_DATE
RTC_MO
RTC_YR
05/26/2010
NVRAM
GP0-GP7
2.5V_NV
2.5V_NV
2.5V_NV
2.5V_NV
TEMP
SENSOR
8
8


Similar Part No. - 71M6531D_10

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D-IM/F TERIDIAN-71M6531D-IM/F Datasheet
2Mb / 115P
   Energy Meter IC
71M6531D-IMR/F TERIDIAN-71M6531D-IMR/F Datasheet
2Mb / 115P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D/F MAXIM-71M6531D/F Datasheet
2Mb / 121P
   Energy Meter IC
2012
More results

Similar Description - 71M6531D_10

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com