Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD115413 Datasheet(PDF) 2 Page - Sensitron

Part # SHD115413
Description  POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115413 Datasheet(HTML) 2 Page - Sensitron

  SHD115413_11 Datasheet HTML 1Page - Sensitron SHD115413_11 Datasheet HTML 2Page - Sensitron SHD115413_11 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2000 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
DATA SHEET 796, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
PINOUT TABLE
0.0
0.2
0.4
0.6
0.8
Forward Vol tage Drop - V
F (V)
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
60
Reverse Vol tage - V
R (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
60
Reverse Vol tage - V
R (V)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
Typical Junction Capacitance
Vf curves shown are for SD175SA60.
SHD115413
SHD115413B
SHD-2B
SHD-2
TYPE
PIN 1 (Base)
PIN 2
SINGLE RECTIFIER
CATHODE
ANODE
.075 (1.91) Max
.315±.010
(8.00±.254)
Moly Lid
Moly Base
.315±.010
(8.00±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.315±.010
(8.00±.254)
.150±.010
(3.81±.254)
.465±.020
(11.8±.508)
.315±.010
(8.00±.254)
.015±.005
(.381±.127)
Copper Anode


Similar Part No. - SHD115413_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115413B SENSITRON-SHD115413B Datasheet
157Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results

Similar Description - SHD115413_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116211 SENSITRON-SHD116211 Datasheet
156Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114623 SENSITRON-SHD114623 Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124524 SENSITRON-SHD124524_11 Datasheet
63Kb / 2P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115413 SENSITRON-SHD115413 Datasheet
157Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114211 SENSITRON-SHD114211 Datasheet
84Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD117212P SENSITRON-SHD117212P Datasheet
87Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116212 SENSITRON-SHD116212 Datasheet
162Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124522 SENSITRON-SHD124522 Datasheet
78Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114623 SENSITRON-SHD114623_08 Datasheet
43Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116211 SENSITRON-SHD116211_08 Datasheet
41Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com