Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD115445 Datasheet(PDF) 1 Page - Sensitron

Part # SHD115445
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115445 Datasheet(HTML) 1 Page - Sensitron

  SHD115445_11 Datasheet HTML 1Page - Sensitron SHD115445_11 Datasheet HTML 2Page - Sensitron SHD115445_11 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2000 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 649, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
200 C Maximum Operation Temperature
DESCRIPTION: 150 VOLT, 30 AMP, POWER SCHOTTKY RECTIFIERS IN A HERMETIC SHD-2 / 2A / 2B
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
150
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=10ms, Sine)
IFSM
570
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1000
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
0.9
C/W
MAXIMUM STORAGE TEMPERATURE RANGE
Tstg
-65 to
+175
C
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+200
C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (per leg, If = 30 Amps)
TJ = 25 C
TJ = 125 C
Vf
0.84
0.68
Volts
MAXIMUM REVERSE CURRENT (per leg, Ir @ 150 V PIV)
TJ = 25 C
TJ = 125 C
Ir
1.0
15
mA
SHD115445
SHD115445B


Similar Part No. - SHD115445_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115445A SENSITRON-SHD115445A Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
SHD115445B SENSITRON-SHD115445B Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
More results

Similar Description - SHD115445_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116046 SENSITRON-SHD116046_11 Datasheet
94Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117246 SENSITRON-SHD117246_11 Datasheet
103Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117144 SENSITRON-SHD117144_11 Datasheet
99Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115444 SENSITRON-SHD115444_11 Datasheet
94Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD114646 SENSITRON-SHD114646_11 Datasheet
113Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115546 SENSITRON-SHD115546_11 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116144 SENSITRON-SHD116144 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125312 SENSITRON-SHD125312_08 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com