Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD115444B Datasheet(PDF) 2 Page - Sensitron

Part # SHD115444B
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115444B Datasheet(HTML) 2 Page - Sensitron

  SHD115444B Datasheet HTML 1Page - Sensitron SHD115444B Datasheet HTML 2Page - Sensitron SHD115444B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1999 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
DATA SHEET 620, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
SHD115444
SHD115444B
SHD-2
SHD-2B
.075 (1.91) Max
.315±.010
(8.00±.254)
Moly Lid
Moly Base
.315±.010
(8.00±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.315±.010
(8.00±.254)
.150±.010
(3.81±.254)
.465±.020
(11.8±.508)
.315±.010
(8.00±.254)
.015±.005
(.381±.127)
Copper Anode
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Vol tage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Vol tage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Vol tage - V
R (V)
100
200
300
400
500
600
700
800
900
Typical Junction Capacitance


Similar Part No. - SHD115444B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115444B SENSITRON-SHD115444B Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results

Similar Description - SHD115444B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116046 SENSITRON-SHD116046_11 Datasheet
94Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115445 SENSITRON-SHD115445_11 Datasheet
96Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117246 SENSITRON-SHD117246_11 Datasheet
103Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117144 SENSITRON-SHD117144_11 Datasheet
99Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD114646 SENSITRON-SHD114646_11 Datasheet
113Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD115546 SENSITRON-SHD115546_11 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116144 SENSITRON-SHD116144 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125312 SENSITRON-SHD125312_08 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com